Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB350W125Z Datasheet(PDF) 10 Page - OPTEK Technologies

Part # OPB350W125Z
Description  Auto-Calibration Design Kit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB350W125Z Datasheet(HTML) 10 Page - OPTEK Technologies

Back Button OPB350W125Z Datasheet HTML 6Page - OPTEK Technologies OPB350W125Z Datasheet HTML 7Page - OPTEK Technologies OPB350W125Z Datasheet HTML 8Page - OPTEK Technologies OPB350W125Z Datasheet HTML 9Page - OPTEK Technologies OPB350W125Z Datasheet HTML 10Page - OPTEK Technologies OPB350W125Z Datasheet HTML 11Page - OPTEK Technologies OPB350W125Z Datasheet HTML 12Page - OPTEK Technologies OPB350W125Z Datasheet HTML 13Page - OPTEK Technologies OPB350W125Z Datasheet HTML 14Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
OCB100-KIT
THEORY OF OPERATION OPB732 / OPB732WZ
The OPB732 (PCB mount, no mounting tabs) and OPB732WZ
(mounting tabs and wires) are non-focused analog output reflective
sensors designed to operate from .05” [1.27mm] to 2”[50.8mm] or
greater with an output signal significantly above the typical back-
ground signal in a dark environment. These sensors are tested against
a white 90% reflectance white card at a distance of 1.0” to guaran-
tee a minimum Ic
(ON) collector current of 0.25mA @ VCE = 0.4V and
IF = 30mA. Other surfaces will give different signal levels.
Infrared light with a center wavelength of about 850nm is emitted
from an LED with a total half power angle (ØHP, Beam Angle) around
18°. When the light strikes an object, it is reflected back toward
the phototransistor. The amount of current Ic
(ON) generated from the
phototransistor is dependent upon the amount of light striking it. The
following graph shows the effect of target distance on the output
current of the OPB732.


Similar Part No. - OPB350W125Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB350W125Z TTELEC-OPB350W125Z Datasheet
3Mb / 1P
   Tube Liquid Sensor
More results

Similar Description - OPB350W125Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OCB100-KIT TTELEC-OCB100-KIT Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com