Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N23ATX Datasheet(PDF) 3 Page - OPTEK Technologies

Part # 4N23ATX
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N23ATX Datasheet(HTML) 3 Page - OPTEK Technologies

  4N23ATX Datasheet HTML 1Page - OPTEK Technologies 4N23ATX Datasheet HTML 2Page - OPTEK Technologies 4N23ATX Datasheet HTML 3Page - OPTEK Technologies 4N23ATX Datasheet HTML 4Page - OPTEK Technologies 4N23ATX Datasheet HTML 5Page - OPTEK Technologies 4N23ATX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 3 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
0.80
1.00
0.70
0.80
1.00
0.70
-
-
-
-
-
-
1.30
1.50
1.20
1.50
1.70
1.30
V
IF = 10.0 mA
IF = 10.0 mA, TA = -55° C
(1)
IF = 10.0 mA, TA = -100° C
(1)
IF = 10.0 mA
IF = 10.0 mA, TA = -55° C
(1)
IF = 10.0 mA, TA = -100° C
(1)
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
35
40
-
-
-
-
V
IC = 1.0 mA, IB= 0, IF= 0
IC = 1.0 mA, IB= 0, IF= 0
V(BR)CBO
Collector-Base Breakdown Voltage
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
35
45
-
-
-
-
V
IC = 100 µA, IB= 0, IF= 0
IC = 100 µA, IB= 0, IF= 0
V(BR)EBO
Emitter-Base Breakdown Voltage
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
4
7
-
-
-
-
V
IE = 100 µA, IC= 0, IF= 0
IE = 100 µA, IC= 0, IF= 0
ICEO
Collector-Emitter Dark Current
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
-
-
-
-
100
100
nA
nA
VCE = 20 V, IB= 0, IF= 0
VCE = 20 V, IB= 0, IF= 0, TA = 100° C
(2)
ICB(OFF)
Collector-Base Dark Current
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
-
-
-
-
10
10
nA
nA
VCB = 20 V, IE= 0, IF= 0
IC(OFF)
Collector-Emitter Dark Current
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
-
-
-
-
100
100
nA
µA
VCE = 20 V, IB= 0, IF= 0
VCE = 20 V, IB= 0, IF= 0, TA = 100° C
(1)
Notes:
1. Guaranteed but not tested.
2. Sample tested, LTPD = 10.
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Pin #
Function
Pin #
Function
1
Emitter
5
Anode
2
Base
6
Open
3
Collector
7
Cathode
7
5
3
1
2


Similar Part No. - 4N23ATX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4N23ATX TTELEC-4N23ATX Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N23ATXV TTELEC-4N23ATXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - 4N23ATX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com