Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX4N47 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # JANTX4N47
Description  JAN4N48
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

JANTX4N47 Datasheet(HTML) 2 Page - OPTEK Technologies

  JANTX4N47 Datasheet HTML 1Page - OPTEK Technologies JANTX4N47 Datasheet HTML 2Page - OPTEK Technologies JANTX4N47 Datasheet HTML 3Page - OPTEK Technologies JANTX4N47 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue E
01/2014
Page 2 of 4
Hi-Reliability Optically Coupled Isolator
JAN / JANTX / JANTXV 4N47, 4N48, 4N49 [A]
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 1.0 mW/° C above 65° C.
4. Derate linearly 3.0 mW/° C above 25° C.
Absolute Maximum Ratings
(TA = 25° C unless otherwise noted)
Storage Temperature Range
-55° C to +150° C
Operating Temperature Range
-55° C to +125° C
Input-to-Output Isolation Voltage
± 1.00 kVDC(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(2)
Input Diode
Forward DC Current (65° C or below)
40 mA
Reverse Voltage
2 V
Power Dissipation
60 mW(3)
Output Phototransistor:
Continuous Collector Current
50 mA
Collector-Emitter Voltage
40 V
Collector-Base Voltage
45 V
Emitter-Base Voltage
7.0 V
Power Dissipation
300 mW(4)
Ordering Information
Part
Number
Isolation
Voltage (kV)
IF (mA)
Typ / Max
VCE
(Volts)
Max
Processing
MIL-PRF-
195000
JAN4N47 or JAN4N47A
1
1 / 40
40
JANTX4N47 or JANTX4N47A
JANTXV4N47 or JANTXV4N47A
JAN4N48 or JAN4N48A
JANTX4N48 or JANTX4N48A
JANTXV4N48 or JANTXV4N4A8
JAN4N49 or JAN4N49A
JANTX4N49 or JANTX4N49A
JANTXV4N49 or JANTXV4N49A
548
This product is built, tested and shipped from the USA


Similar Part No. - JANTX4N47

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JANTX4N47 MICROPAC-JANTX4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JANTX4N47A MICROPAC-JANTX4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JANTX4N47U MICROPAC-JANTX4N47U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com