Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7.0A Datasheet(PDF) 3 Page - Dc Components

Part # SA7.0A
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA7.0A Datasheet(HTML) 3 Page - Dc Components

  SA7.0A Datasheet HTML 1Page - Dc Components SA7.0A Datasheet HTML 2Page - Dc Components SA7.0A Datasheet HTML 3Page - Dc Components SA7.0A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SA5.0
6.40
7.30
10
5.0
600
52.0
9.6
SA5.0A
6.40
7.00
10
5.0
600
54.3
9.2
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
SA6.5A
7.22
7.98
10
6.5
400
44.7
1 1.2
SA7.0
7.78
9.51
10
7.0
150
37.8
13.3
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.7
13.6
SA8.5
9.44
1 1.5
1.0
8.5
10
31.4
15.9
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
SA9.0
10.0
12.2
1.0
9.0
5.0
29.5
16.9
SA9.0A
10.0
1 1.1
1.0
9.0
5.0
32.5
15.4
SA10
1 1.1
13.6
1.0
10.0
3.0
26.6
18.8
SA10A
1 1.1
12.3
1.0
10.0
3.0
29.4
17.0
SA1 1
12.2
14.9
1.0
1 1.0
3.0
24.9
20.1
SA1 1A
12.2
13.5
1.0
1 1.0
3.0
27.4
18.2
SA12
13.3
16.3
1.0
12.0
3.0
22.7
22.0
SA12A
13.3
14.7
1.0
12.0
3.0
25.1
19.9
SA13
14.4
17.6
1.0
13.0
3.0
21.0
23.8
SA13A
14.4
15.9
1.0
13.0
3.0
23.2
21.5
SA14
15.6
19.1
1.0
14.0
3.0
19.4
25.8
SA14A
15.6
17.2
1 1.0
14.0
3.0
21.5
23.2
SA15
16.7
20.4
1.0
15.0
3.0
18.8
26.9
SA15A
16.7
18.5
1.0
15.0
3.0
20.6
24.4
SA16
17.8
21.8
1.0
16.0
3.0
17.6
28.8
SA16A
17.8
19.7
1.0
16.0
3.0
19.2
26.0
SA17
18.9
23.1
1.0
17.0
3.0
16.4
30.5
SA17A
18.9
20.9
1.0
17.0
3.0
18.1
27.6
SA18
20.0
24.4
1.0
18.0
3.0
15.5
32.2
SA18A
20.0
22.1
1.0
18.0
3.0
17.2
29.2
SA20
22.2
27.1
1.0
20.0
3.0
13.9
35.8
SA20A
22.2
24.5
1.0
20.0
3.0
15.4
32.4
SA22
24.4
29.8
1.0
22.0
3.0
12.7
39.4
SA22A
24.4
26.9
1.0
22.0
3.0
14.1
35.5
SA24
26.7
32.6
1.0
24.0
3.0
1 1.6
43.0
SA24A
26.7
29.5
1.0
24.0
3.0
12.8
38.9
SA26
28.9
35.3
1.0
26.0
3.0
10.7
46.6
SA26A
28.9
31.9
1.0
26.0
3.0
1 1.9
42.1
SA28
31.1
38.0
1.0
28.0
3.0
9.9
50.1
SA28A
31.1
34.4
1.0
28.0
3.0
1 1.0
45.4
SA30
33.3
40.7
1.0
30.0
3.0
9.3
53.5
SA30A
33.3
36.8
1.0
30.0
3.0
10.3
48.4
SA33
36.7
44.9
1.0
33.0
3.0
8.6
59.0
SA33A
36.7
4.06
1.0
33.0
3.0
9.4
53.5
170
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SA7.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SA7.0A VISHAY-SA7.0A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Motorola, Inc
SA7.0A MOTOROLA-SA7.0A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA7.0A TSC-SA7.0A Datasheet
234Kb / 6P
   Transient Voltage Suppressor
logo
First Components Intern...
SA7.0A FCI-SA7.0A Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SA7.0A CHENDA-SA7.0A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA7.0A

ManufacturerPart #DatasheetDescription
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com