Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N243 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # 3N243
Description  Hi-Reliability Optically Coupled Isolator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

3N243 Datasheet(HTML) 4 Page - OPTEK Technologies

  3N243 Datasheet HTML 1Page - OPTEK Technologies 3N243 Datasheet HTML 2Page - OPTEK Technologies 3N243 Datasheet HTML 3Page - OPTEK Technologies 3N243 Datasheet HTML 4Page - OPTEK Technologies 3N243 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
11/09
Page 4 of 5
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C, 3N243, 3N244, 3N245, 3N261, 3N262, 3N263
(TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
IC(ON)
On-State Collector Current
3C91C, 3C92C (TX, TXV)
3C91C, 3C92C (TX, TXV)
3N243 (TX, TXV)
3N243 (TX, TXV)
3N243 (TX, TXV)
3N243 (TX, TXV)
3N244 (TX, TXV)
3N244 (TX, TXV)
3N244 (TX, TXV)
3N244(TX, TXV)
3N245 (TX, TXV)
3N245 (TX, TXV)
3N245(TX, TXV)
3N245(TX, TXV)
3N261(TX, TXV)
3N261 (TX, TXV)
3N261 (TX, TXV)
3N262 (TX, TXV)
3N262(TX, TXV)
3N262 (TX, TXV)
3N263 (TX, TXV)
3N263(TX, TXV)
3N263(TX, TXV)
4.0
3.0
1.5
0.3
0.5
0.5
3.0
0.8
1.0
1.0
6.0
1.5
1.5
1.5
0.5
0.7
0.5
1.0
1.4
1.0
2.0
2.8
2.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
-
-
10
-
-
mA
IF = 10 mA , VCE = 5 V
IF = 10 mA , VCE = 0.4 V
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100° C
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100° C
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100°
IF = 1 mA , VCE = 5.0 V
IF = 2.0 mA , VCE = 5.0 V, TA = 55° C
IF = 2.0 mA , VCE = 5.0 V, TA = 100° C
IF = 1 mA , VCE = 5.0 V
IF = 2.0 mA , VCE = 5.0 V, TA = 55° C
IF = 2.0 mA , VCE = 5.0 V, TA = 100° C
IF = 1 mA , VCE = 5.0 V
IF = 2.0 mA , VCE = 5.0 V, TA = 55° C
IF = 2.0 mA , VCE = 5.0 V, TA = 100° C
VCE(SAT)
Collector-Emitter Saturation Voltage
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.4
0.3
0.3
0.3
0.3
0.3
0.3
V
IF = 50 mA , IC = 10 mA
IF = 20 mA , IC = 1.50 mA
IF = 20 mA , IC = 3.0 mA
IF = 20 mA , IC = 6.0 mA
IF = 2.0 mA , IC = 0.50 mA
IF = 2.0 mA , IC = 1.0 mA
IF = 2.0 mA , IC = 2.0 mA
tON
Turn-on Time
3C91C, 3C92C (TX, TXV)
-
-
9
µs
VCC = 5 V, IC = 2 mA, RL = 100 Ω
tIOFF
Turn-off Time
3C91C, 3C92C (TX, TXV))
-
-
6
µs
VCC = 5 V, IC = 2 mA, RL = 100 Ω


Similar Part No. - 3N243

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3N243 OPTEK-3N243 Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
logo
TT Electronics.
3N243 TTELEC-3N243 Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
3N243R OPTEK-3N243R Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
3N243TX OPTEK-3N243TX Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
More results

Similar Description - 3N243

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com