Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC10D150E Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELC10D150E
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC10D150E Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELC10D150E Datasheet HTML 1Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 2Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 3Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 4Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 5Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 6Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 7Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 8Page - Panasonic Semiconductor ELC10D150E Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
*Allowable DC Current:Smaller current value either when the inductance of -10 %max. changed, or when the temperatuer of 45k max. rised.
DCR.(W)
[at 20 ûC]
(Tol.±20 %)
Test Freq.
(kHz)
Tolerance
(%)
Inductance
(µH)
Part No.
n Examples Type 09D
ELC09D2R21F
2.2
0.012
3.50
ELC09D2R71F
2.7
0.013
3.30
ELC09D3R31F
3.3
0.015
3.20
ELC09D3R91F
3.9
0.016
3.10
ELC09D4R71F
4.7
0.018
3.00
ELC09D5R61F
5.6
±20
0.019
2.90
ELC09D6R81F
6.8
0.021
2.80
ELC09D8R21F
8.2
0.024
2.60
ELC09D1001F
10.0
0.027
2.50
ELC09D1201F
12.0
0.031
2.30
ELC09D1501F
15.0
0.035
2.10
ELC09D1801F
18.0
0.038
2.00
ELC09D2201F
22.0
0.051
1.80
ELC09D2701F
27.0
0.058
1.60
ELC09D3301F
33.0
0.081
1.40
ELC09D3901F
39.0
0.087
1.30
ELC09D4701F
47.0
0.110
1.20
ELC09D5601F
56.0
0.130
1.10
ELC09D6801F
68.0
0.140
1.00
ELC09D8201F
82.0
0.160
0.90
ELC09D1011F
100.0
0.200
0.82
ELC09D1211F
120.0
0.250
0.77
ELC09D1511F
150.0
10
0.320
0.74
ELC09D1811F
180.0
0.360
0.61
ELC09D2211F
220.0
0.410
0.58
ELC09D2711F
270.0
0.500
0.52
ELC09D3311F
330.0
0.650
0.49
ELC09D3911F
390.0
0.860
0.46
ELC09D4711F
470.0
±10
0.980
0.39
ELC09D5611F
560.0
1.100
0.36
ELC09D6811F
680.0
1.400
0.34
ELC09D8211F
820.0
1.600
0.30
ELC09D1021F
1000.0
2.100
0.28
ELC09D1221F
1200.0
2.400
0.23
ELC09D1521F
1500.0
2.800
0.21
ELC09D1821F
1800.0
3.800
0.19
ELC09D2221F
2200.0
4.400
0.17
ELC09D2721F
2700.0
6.100
0.16
ELC09D3321F
3300.0
7.000
0.14
ELC09D3921F
3900.0
8.000
0.13
ELC09D4721F
4700.0
11.200
0.12
ELC09D5621F
5600.0
12.600
0.11
ELC09D6821F
6800.0
14.400
0.10
ELC09D8221F
8200.0
16.600
0.09
ELC09D1031F
10000.0
18.800
0.08
[Dimensions in mm]
(not to scale)
B9.5 max.
5.0±0.5
2ÐB0.6
Recommended PWB
piercing plan
Connection Schematic
5.0±0.1
2ÐB1.00±0.05
*IDC.
[at 20 ûC]
(A)max.
5
.


Similar Part No. - ELC10D150E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC10D150E PANASONIC-ELC10D150E Datasheet
136Kb / 7P
   Choke Coils
ELC10D150E PANASONIC-ELC10D150E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC10D150E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com