Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58J8A90-01-1-03N-F Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 58J8A90-01-1-03N-F
Description  Minimum Space Behind Panel 15,000 Vdc Static Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

58J8A90-01-1-03N-F Datasheet(HTML) 1 Page - Grayhill, Inc

  58J8A90-01-1-03N-F Datasheet HTML 1Page - Grayhill, Inc 58J8A90-01-1-03N-F Datasheet HTML 2Page - Grayhill, Inc 58J8A90-01-1-03N-F Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Keylock Rotary Switches
LOCKWASHER
Ø 1.062 ± .020 (Ø 26,97 ± 0,51)
SHOWN IN THIS VIEW ONLY
MOUNTING NUT
.875 (22,23) ACROSS FLATS
.125 (3,18) THICK
SHOWN IN THIS VIEW ONLY
.260 ± .020
(6,60 ± 0,51)
.792 ± .020
(20,12 ± 0,51)
.268 ± .015
(6,81 ± 0,38)
.187 ± .015
(4,75 ± 0,38)
1.957 ± .062
(49,71 ± 1,57)
.125 ± .015
(3,18 ± 0,38)
1.875 ± .062
(47,63 ± 1,57)
Ø .900
(Ø 22,86)
A
POSITION
INDICATOR
ARROW
.625 ± .010
(15,88 ± 0,25)
COMMON
TERMINAL
TERMINAL FOR
POSITION 1
Dimensions not shown are
the same as above.
All terminals are provided
regardless of the number of
active switch positions.
Grayhill part number and date code marked on label. Customer part number marked on request.
Keyslot is shown in
switch position 1.
Key removal position A.
Key is inserted cut edge down.
SERIES 58
Single Deck, Antistatic
DIMENSIONS In inches (and millimeters)
Standard Style
PC Mount Style
SWITCH FEATURES
• Economical
• Solder Lug or PC Mount
• 36°, 45°, 60°, or 90° Throws
• 1 or 2 Poles Per Switch
• Up to 10 Positions for 1 Pole
• 200 mA for 25,000 Cycles
36°, 45°, 60°, or 90°
Angle of Throw
36°, 45°, 60, or 90°
Angle of Throw
TERMINAL DETAIL
A = .064 ± .005 (1,63±0,13)
B = .032 ± .004 (0,81±0,10)
E = .125 ± .015 (3,18 ±0,38)
F = .020 ± .003 (0,51 ±0,08)
C = .050 ± .010 (1,27±0,25)
D = .062 Ø ± .002 (1,57 Ø ±0,05)
G = .020 ± .003 (0,51 ±0,08)
H = .062 ± .004 (1,57 ±0,10)
Solder Lug
Solder Lug Common
PC Mount
A
B
G
H
D
C
E
F
G
H
.629 + .010 –.000
(15,98 + 0,25)
.750 + .015 –.000
(19,05 + 0,38)
RECOMMENDED PANEL CUT
LOCK FEATURES
• Minimum Space Behind Panel
• 15,000 Vdc Static Protection
• 5 Tumbler-Plate Security
• In-Panel Key Recoding
Rotary
2


Similar Description - 58J8A90-01-1-03N-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
51M30-01-2-03N GRAYHILL-51M30-01-2-03N Datasheet
614Kb / 7P
   0.5" Diameter, 200mA, .698" Behind Panel
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
   15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
logo
Texas Instruments
TPD5E003 TI-TPD5E003 Datasheet
733Kb / 10P
[Old version datasheet]   Five Channel Space Saving ESD Protection Device
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
List of Unclassifed Man...
PCI-1715U-AE ETC2-PCI-1715U-AE Datasheet
227Kb / 1P
   2,500 VDC isolation protection
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
   IP65 front panel protection
logo
New Jersey Semi-Conduct...
X20FF3 NJSEMI-X20FF3 Datasheet
85Kb / 1P
   2,000 V -15,000 V Rectifiers
logo
Omron Electronics LLC
G7T OMRON-G7T Datasheet
604Kb / 7P
   Slim-styled I/O Relay Saves Space in Panel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com