Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61L515-N0-040C Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 61L515-N0-040C
Description  Full Quadrature Cycle Per Detent
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61L515-N0-040C Datasheet(HTML) 1 Page - Grayhill, Inc

  61L515-N0-040C Datasheet HTML 1Page - Grayhill, Inc 61L515-N0-040C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
Encoder
34
SERIES 61L
Full Quadrature Cycle Per Detent
DIMENSIONS In inches (and millimeters)
Unless otherwise specified, standard tolerances are:
Linear ± .025
Diameter ± .010
Angle ± 2.0 0
FEATURES
• .650 sq. inch package size
• Optically coupled for 1 million
rotational cycles
• Optional integrated pushbutton
• Detented and non-detented
versions available
• Available in 24 positions
APPLICATIONS
Medical Devices
Test and Measurement
Equipment
Other Scroll and Select
Applications
.250
[6,35]
.360
[9,14]
.735 ±.015
[18,67]
.518 ±.015
[13,16 ]
.250 ±.002
[6,35]
4.00 ± .20
.219 ±.003
[5,56]
.590 ±.015
[14,99 ]
45˚ X
.025
[0,64]
3/8 UNEF-2A
THREAD
AMP CONNECTOR
7-215083-6
TERMINAL #1
.325
[8,26]
.733
[
18,62]
.325
[8,26]
SQUARE
.650
[16,51]
.328 ±.005
[8,33]
.164
[4,17]
.066±.002
[1,68±0,05]
.152±.002
[3,86]


Similar Part No. - 61L515-N0-040C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV51216 ISSI-61LV51216 Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - 61L515-N0-040C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19S121-S20D3 ROSENBERGER-19S121-S20D3 Datasheet
515Kb / 3P
   Calibration Adaptor Plug full detent / Plug full detent
18S15R-0.5E3 ROSENBERGER-18S15R-0.5E3 Datasheet
507Kb / 2P
   Termination Plug - Full Detent
19S181-5H0E4 ROSENBERGER-19S181-5H0E4 Datasheet
220Kb / 2P
   BULKHEAD PLUG FULL DETENT
18S103-500L5 ROSENBERGER-18S103-500L5 Datasheet
498Kb / 2P
   BULKHEAD PLUG FULL DETENT
logo
Molex Electronics Ltd.
0733000020 MOLEX-0733000020_V01 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, 80 Pieces Per Tray
logo
Rosenberger Hochfrequen...
19S150-C10D3 ROSENBERGER-19S150-C10D3 Datasheet
543Kb / 3P
   Calibration Load Plug ??full detent
18S101-40ML5 ROSENBERGER-18S101-40ML5 Datasheet
231Kb / 2P
   STRAIGHT PLUG PCB FULL DETENT
18S102-40ML5 ROSENBERGER-18S102-40ML5 Datasheet
231Kb / 2P
   STRAIGHT PLUG PCB FULL DETENT
18S203-40ML5 ROSENBERGER-18S203-40ML5 Datasheet
215Kb / 2P
   RIGHT ANGLE PLUG PCB FULL DETENT
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
   Single Clock Cycle per Byte Fetch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com