Electronic Components Datasheet Search |
|
58J4A36-01-1-03N-F Datasheet(PDF) 3 Page - Grayhill, Inc |
|
58J4A36-01-1-03N-F Datasheet(HTML) 3 Page - Grayhill, Inc |
3 / 3 page Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com Keylock Rotary Switches SWITCH SPECIFICATIONS Continued Contact Resistance: Initially: less than 10 m Ω End of life: less than 50 m Ω Insulation Resistance: (Between mutually insulated parts) Initially: 50,000 M Ω Minimum: 10,000 M Ω Breakdown Voltage: (Between mutually insulated parts) more than 600 Vac Life Expectancy: Per chart; cycle is 1 rotation thru all active positions plus a full return. Carry Current: 6A; maximum temperature rise 20°C Materials and Finishes Switch Base: Thermoset plastic Switch Housing: Nylon Detent Rotor: Nylon Detent Balls: Steel, nickel-plated Detent Springs, and Contact Springs: Stainless steel Common Ring: Brass, gold plate over silver plate Terminals: Brass, gold over silver and nickel plate Rotor Contact: Precious metal, gold alloy Anti-Static Voltage: Anti-static types tested to withstand 15,000 Vdc Mechanical Characteristics Switching Mode: Shorting (make before break) or non-shorting (break before make) as limited by the Choices chart Type of Contact: Wiping Number of Terminals: All switches are provided with the full circle of terminals regardless of the number of active positions Stop Strength: 1.70 Nm maximum (15.0 in-lbs) Switching Torque: 8 to 16 in-ozs CHOICES AND LIMITATIONS Lock Style and Switch Style and Angle of No. Of Poles/ Positions Shorting or Description* Description Throw Decks Deck Per Pole** Non-Shrtg. Series 58J Switches 1 02 to 08 N or S 2 02 to 04 N or S 1 02 to 10 N or S 2 02 to 05 N or S 1 02 to 08 N or S 2 02 to 04 N or S 1 02 to 04 N 202 N 1 02 to 10 N or S 2 02 to 05 N or S 1 02 to 08 N or S 2 02 to 04 N or S 1 02 to 06 N 2 02 to 03 N 1 02 to 04 N 202 N 45° 1 36° 1 45° 1 90° 1 36° 1 45° 1 60° 1 90° 1 A = Standard, Solder Lugs P = Standard, PC Mount A = Standard, Solder Lugs P = Standard, PC Mount A = Standard, Solder Lugs P = Standard, PC Mount J4: Standard–Key pulls at Position 1 and at 90 Degree Increments J8: Standard–Key Pulls at Each Position J9: Standard–Key Pulls at Position 1 and at 180 Degrees *Standard Keylock has anti-static protection. All keylock versions available without anti-static protection, with a reduced overall body length. Contact Grayhill for more information. **For single pole switches with maximum positions, specify continuous rotation or fixed stop when ordering. Series Lock Style: per Choices Chart J4, J8, J9 Switch Style: per Choices Chart A or P Angle of Throw: 36, 45, 60 or 90 (per Choices chart) Number of Decks: 01 Poles per Deck: = 1 or 2 (per Choices chart) Positions per Pole: 02 thru 10 (per Choices chart) Type of Contacts: (per Choices chart) N = Non-shorting S = Shorting Stop Arrangement Suffix: (needed only for 1-pole switches with maximum positions) F = Fixed stop between last and first positions *Leave blank for continuous rotation 58J8A36-01-1-10N-F ORDERING INFORMATION Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill. Rotary 4 |
Similar Description - 58J4A36-01-1-03N-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |