Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60AR20-4-060S Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 60AR20-4-060S
Description  Three-in-One Joystick, Optical Encoder and Pushbutton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

60AR20-4-060S Datasheet(HTML) 1 Page - Grayhill, Inc

  60AR20-4-060S Datasheet HTML 1Page - Grayhill, Inc 60AR20-4-060S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
Ø1.000
25,4
[]
.460
11,68
[]
.642±.003
16,31±0,07
[]
Ø
PANEL SEAL I.D.
.750
19,05
[]
Ø
PANEL SEAL O.D.
.850
21,59
[]
.548
13,92
[]
.600
15,24
[]
SHAFT FLAT
.219±.002
5,56±0,05
[]
]
.940 ±.020
23,88 ±0,5
[]
.610 ±.015
15,49 ±0,38
[]
REF.
JOYSTICK
PIVOT POINT
.172
4,36
[]
.853 ±.015
21,67 ±0,38
[]
.932 ±.020
23,67 ±0,5
[]
M17x1.0
THREAD
HEADER IS
SAMTEC P/N
ASP-120519-01
(.050" SPACING)
MOUNTING SURFACE
Ø.250 ±.002
6,35 ±0,05
[]
.250
6,35
[]
.046 ±.015
1,17 ±0,38
[]
.280
7,11
[]
.020
0,51
[
.338
8,59
[]
.025x45°
[0,63]x45°
CHAMFER
PANEL SEAL GASKET NOT SHOWN IN LOWER
VIEWS TO ILLUSTRATE MOUNTING SURFACE
SCALE 2.000
.652± .003
16,56± 0,07
[]
.679± .003
17,25± 0,07
[]
Ø
PANEL SEAL GASKET NOT SHOWN TO ILLUSTRATE MOUNTING SURFACE
Ø.250 ±.002
6,35 ±0,05
[]
.250
6,35
[]
.046 ±.015
1,17 ±0,38
[]
.020
0,51
[]
.280
7,11
[]
.338
8,59
[]
.025x45°
[0,63]x45°
CHAMFER
CABLE LENGTH
±.200
[±5,08]
.455 ±.015
11,56 ±0,38
[]
.605 ±.015
15,37 ±0,38
[
]
.927 ±.020
23,55 ±0,5
[]
REF.
JOYSTICK
PIVOT POINT
.172
4,36
[]
.853 ±.015
21,67 ±0,38
[]
M17x1.0
THREAD
CONNECTOR IS
AMP P/N 215083-8
OR EQUIVALENT
MOUNTING SURFACE
SerieS 60Ar
rugged and Sealed Joystick
FeATUreS
• Three-in-One Joystick, Optical Encoder and Pushbutton
• Shaft and panel sealed to IP67 against liquids and particulates
• Choices of knobs, cable length and termination
• Customized solutions available
APPLiCATiONS
• Aerospace
• Military vehicles and devices
• Mobile electronics for outdoor use
DiMeNSiONS in inches (and millimeters)
Unless otherwise specified, standard tolerance are:
Linear ± .025
Diameter ± .010
Angle ± 2.0°
Angle of Throw: 18= 18° or 20 positions, 08= Non-detent or 20 positions, 00= Non-turn
Joystick: 4= Four contacts & four directions; 8= Four contacts & eight directions
60Ar18-4-060S
Termination: 0.050" center P= pin header; C= connector; S= stripped cable
Cable Length: 020 thru 250 in 1/2 inch increments, 060= 6.0 inch cable, leave blank if pinned
OrDeriNg iNFOrMATiON
For prices and custom configurations, contact a local sales office, an authorized distributor, or Grayhill's sales department.
Pin Version
Cable Connector Version
recommended Panel Cut Out


Similar Part No. - 60AR20-4-060S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60A00-2-040C GRAYHILL-60A00-2-040C Datasheet
101Kb / 2P
   SERIES 60A Joystick
60A00-2-040P GRAYHILL-60A00-2-040P Datasheet
101Kb / 2P
   SERIES 60A Joystick
60A00-2-040S GRAYHILL-60A00-2-040S Datasheet
101Kb / 2P
   SERIES 60A Joystick
60A00-4-040C GRAYHILL-60A00-4-040C Datasheet
101Kb / 2P
   SERIES 60A Joystick
60A00-4-040P GRAYHILL-60A00-4-040P Datasheet
101Kb / 2P
   SERIES 60A Joystick
More results

Similar Description - 60AR20-4-060S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60C22-M7-4-060S GRAYHILL-60C22-M7-4-060S Datasheet
557Kb / 3P
   Three-in-One Joystick, Optical Encoder and Pushbutton
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S_13 Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com