Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-260BLK Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 46-260BLK
Description  Long Wipe Contact Assures High Reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

46-260BLK Datasheet(HTML) 3 Page - Grayhill, Inc

  46-260BLK Datasheet HTML 1Page - Grayhill, Inc 46-260BLK Datasheet HTML 2Page - Grayhill, Inc 46-260BLK Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Wiping Contact Pushbutton Switches
DIMENSIONS In Inches (and millimeters)
ACCESSORY
CIRCUITRY
46-260* (BBM)
Environmentally Sealed
Double Pole/Double Throw
Mtg.
Hole
Bottoming
Force (oz.)
Total
Travel
46-260 RED
Red
46-260 BLK
Black
Operations
at Rated
Load
Rating at
220 Vac
Resistive
Cap
Color
Momentary
Approx. 45
1/4 Amp
1/8 Amp
250,000
Action
Description
Part No.
SPDT, BBM, Red Button
46-101 RED
SPDT, BBM, Black Button
46-101 BLK
SPDT, BBM, Red Cap
46-102 RED
SPDT, BBM, Black Cap
46-102 BLK
SPDT, MBB, Red Button
46-110 RED
SPDT, MBB, Black Button
46-110 BLK
SPDT, MBB, Red Cap
46-111 RED
SPDT, MBB, Black Cap
46-111 BLK
SPDT, BBM, Red Cap
46-150 RED
SPDT, BBM, Black Cap
46-150 BLK
SPDT, MBB, Red Cap
46-151 RED
SPDT, MBB, Black Cap
46-151 BLK
DPDT, BBM, Red Cap
46-200 RED
DPDT, BBM, Black Cap
46-200 BLK
DPDT, MBB, Red Cap
46-201 RED
DPDT, MBB, Black Cap
46-201 BLK
DPDT, BBM, Red Cap
46-270 RED
DPDT, BBM, Black Cap
46-270 BLK
DPDT, MBB, Red Cap
46-271 RED
DPDT, MBB, Black Cap
46-271 BLK
DPDT, BBM, Sealed, Red
46-260 RED
DPDT, BBM, Sealed, Black 46-260 BLK
ACCESSORY
Decorative Nut
30C1023-1
Rating at
115 Vac
Resistive
Decorative Mounting Nut
Part No. 30C1023-1
Fits .250" (6,35) Bushing
For dimensions, materials and
finishes, see page E-36.
.180 (4,57)
25/64"
Min.
(9,92)
*Complete
Part
Number
SPECIFICATIONS
Rating Criteria
Contact Resistance: Less than 25 milliohms
at the switch initially. Less than 4 milliohms/inch
of wire.
Voltage Breakdown: 1,000 Vac between
mutually insulated parts
Insulation Resistance: 1,000 megohms
minimum
Materials and Finishes
Cover, Bushing, Mounting Nut: Brass,
tin zinc
Shorting Bar: Phosphor bronze, silver-plated.
Terminals: Phosphor bronze, silver contact
surface. Terminal ends are tin/silver
Base or Potting Shell: Phenolic per MlL-M-
14, type CFG
Spring: Tinned music wire
Button Cap: Polyethylene
Button: Polyphenylene sulfide (PPS) for 46-
200 and 46-201. Polycarbonate for all other
unsealed versions. Aluminum for all sealed
versions.
O-Ring Seal: Nitrile per MIL-P-5516, class B
Seal Adapter and Hex Nut (46-260): Brass,
zinc trivalent chromate-plated
Wire Leads (46-260): Per MIL-W-16878 type E.
#26 AWG, insulated teflon, copper stranded
wire
Operating Features
Break-Before-Make: Rest position to N.C. break
.020" (0,51) minimum. Rest position to N.O.
Make .140" (3,35) maximum.
Make-Before-Break: Rest position to N.O. make
.065" ± .015 (1,65 ± 0,38). Rest position to N.C.
break .130" ± .015 (3,30 ± 0,38).
Operating Temperature: -40°C to +85°C
STANDARD OPTIONS
Epoxy sealed terminals and wire leads, see
page E-34 and E-35.
Decorative mountings, see pages E-24 to E-26.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
ORDERING INFORMATION
.281 ± .010 (7,14 ± 0,25)
.390 ± .010
(9,90 ± 0,25)
.641 ± .005
(16,28 ± 0,13)
.812 ± .005
(20,62 ± 0,13)
DIAMETER
.375 ± .010
(9,53 ± 0,25) DIA.
SNAP ON BUTTON CAP
A
B
.250 ± .010
(6,35 ± 0,25)
3/8-32 UNEF-2A
THREAD TO .060 (15,24) MAX.
FROM SHOULDER
O-RING SEALED
HEX MOUNTING NUT
.562 (14,2) ACROSS FLATS
.094 (2,40) THICK
SWITCH AND
WIRE LEADS
ENCAPSULATED
A = 1.14 (29,0)
MAX.
B = 22.00 (558,8)
MAX.
C = .187 ± .010
(4,75 ± 0,25)
D = .125 ± .005
(3,18 ± 0,13)
C
D
DPDT BBM
N.C.
N.O.
C1
N.C.
N.O.
C2
Pushbutton
56


Similar Part No. - 46-260BLK

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
46-200-A-01 GRAYHILL-46-200-A-01 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
46-200-A-03 GRAYHILL-46-200-A-03 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
46-200-A-04 GRAYHILL-46-200-A-04 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
46-200-A-05 GRAYHILL-46-200-A-05 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
46-200-A-06 GRAYHILL-46-200-A-06 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
More results

Similar Description - 46-260BLK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM11AIG ABRACON-ABM11AIG Datasheet
5Mb / 4P
   Hermetically sealed ceramic package assures high precision and reliability
12.09.15
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
logo
Amphenol Corporation
HS12SP AMPHENOL-HS12SP Datasheet
119Kb / 4P
   Good, long-term reliability
logo
PETERMANN-TECHNIK
ULPO PETERMANN-ULPO_15 Datasheet
652Kb / 7P
   Excellent long time reliability
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
logo
PETERMANN-TECHNIK
ULPO-RB1 PETERMANN-ULPO-RB1_15 Datasheet
1Mb / 10P
   Excellent long time reliability
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com