Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC06D680E Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELC06D680E
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D680E Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ELC06D680E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 7Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 8Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 9Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ELC16B3R3L
ELC16B3R9L
ELC16B4R7L
ELC16B5R6L
ELC16B6R8L
ELC16B8R2L
ELC16B100L
ELC16B120L
ELC16B150L
ELC16B180L
ELC16B220L
ELC16B270L
ELC16B330L
ELC16B390L
ELC16B470L
ELC16B560L
ELC16B680L
ELC16B820L
ELC16B101L
ELC16B121L
ELC16B151L
ELC16B181L
ELC16B221L
ELC16B271L
ELC16B331L
ELC16B391L
ELC16B471L
ELC16B561L
ELC16B681L
ELC16B821L
ELC16B102L
ELC16B122L
ELC16B152L
ELC16B182L
ELC16B222L
ELC16B272L
ELC16B332L
ELC16B392L
ELC16B472L
ELC16B562L
ELC16B682L
ELC16B822L
ELC16B103L
ELC16B123L
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
**
0.012
**
0.013
**
0.015
**
0.016
0.018
0.019
0.022
0.023
0.026
0.028
0.031
0.034
0.039
0.042
0.045
0.051
0.057
0.064
0.072
0.080
0.103
0.115
0.130
0.170
0.200
0.250
0.280
0.380
0.430
0.580
0.660
0.740
0.870
1.220
1.380
1.570
2.000
2.400
3.300
3.700
4.200
5.600
6.400
7.300
8.50
8.00
7.80
7.40
6.70
6.10
5.60
5.50
5.40
5.10
4.60
4.30
4.00
3.90
3.80
3.40
3.20
3.00
2.60
2.50
2.20
2.10
1.90
1.60
1.50
1.30
1.20
1.10
1.00
0.88
0.85
0.82
0.74
0.60
0.57
0.54
0.47
0.42
0.36
0.34
0.32
0.28
0.26
0.24
DCR.(W)
[at 20ûC]
**(Tol.±30 %)
(Tol.±20 %)
Test Freq.
(kHz)
10
Tolerance
(%)
±25
±20
±10
Inductance
(µH)
*Refer to former page
n Examples Type 16B
Part No.
7.5±0.5
B 1.0
B 13.0±0.5
16.0 max.
2ÐB 1.50±0.05
7.5±0.1
*IDC.
[at 20ûC]
(A)max.
5
.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic


Similar Part No. - ELC06D680E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC06D680E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com