Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCN3F121GE Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECCN3F121GE
Description  High Voltage Ceramic Disc Capacitors (Low loss type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCN3F121GE Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ECCN3F121GE Datasheet HTML 1Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 2Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 3Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 4Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 5Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 6Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 7Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 8Page - Panasonic Semiconductor ECCN3F121GE Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
–15
–10
–5
0
+5
+10
–20
0
20
406080
100
120
Series KGE (Char. SL/GP)
(Temp. Coeff. : +350 to –1000 ppm/˚C)
Temperature (
°C)
–30
–20
–10
0
+10
+20
–20
0
20
40
60
80
100
120
()
Series KBP (Char. B/Y5P)
Temp. Range
: –25 to 85
°C
max. Cap. Change :
±10 %
Temperature (
°C)
–30
–20
–10
0
+10
+20
–20
0
20
40
60
80
100
120
Series KRP (Char. R/Y5R)
Temperature (
°C)
()
Temp. Range
: –25 to 85
°C
max. Cap. Change :
±15 %
Rated
Volt.
Cap.
in pF
Capacitance
Tolerance
(%)
Dimensions in mm
Kinked Lead Type (Bulk)
Kinked Lead Taping Type
D
max.
T
max.
Part Number
Dimensions in mm
Part Number
Taped
Type
Dimensions in mm
Fd
F
d
3 kVDC
100
±10
7.5
5.5
ECKA3F101KRP
7.5
0.65
ECKN3F101KRP
N1
7.5
0.65
120
±10
7.5
5.5
ECKA3F121KRP
7.5
0.65
ECKN3F121KRP
N1
7.5
0.65
150
±10
7.5
5.5
ECKA3F151KRP
7.5
0.65
ECKN3F151KRP
N1
7.5
0.65
180
±10
7.5
5.5
ECKA3F181KRP
7.5
0.65
ECKN3F181KRP
N1
7.5
0.65
220
±10
8.0
5.5
ECKA3F221KRP
7.5
0.65
ECKN3F221KRP
N1
7.5
0.65
270
±10
8.0
5.5
ECKA3F271KRP
7.5
0.65
ECKN3F271KRP
N1
7.5
0.65
330
±10
8.5
5.5
ECKA3F331KRP
7.5
0.65
ECKN3F331KRP
N1
7.5
0.65
390
±10
9.5
5.5
ECKA3F391KRP
7.5
0.65
ECKN3F391KRP
N1
7.5
0.65
470
±10
9.5
5.5
ECKA3F471KRP
7.5
0.65
ECKN3F471KRP
N1
7.5
0.65
560
±10
10.5
5.5
ECKA3F561KRP
7.5
0.65
ECKN3F561KRP
N1
7.5
0.65
680
±10
10.5
5.5
ECKA3F681KRP
7.5
0.65
ECKN3F681KRP
N1
7.5
0.65
820
±10
12.5
5.5
ECKA3F821KRP
7.5
0.65
ECKN3F821KRP
N1
7.5
0.65
1000
±10
12.5
5.5
ECKA3F102KRP
10.0
0.65
——
1200
±10
14.5
5.5
ECKA3F122KRP
10.0
0.65
——
1500
±10
14.5
5.5
ECKA3F152KRP
10.0
0.65
——
1800
±10
16.5
5.5
ECKA3F182KRP
10.0
0.65
——
2200
±10
17.0
5.5
ECKA3F222KRP
10.0
0.65
——
Ratings and Characteristics
● Series KRP (Class 2, Temp. Char. R/Y5R, 1 to 3 kVDC) (Continuation)
Typical Temperature Characteristics
Feb. 2006
Discontinued


Similar Part No. - ECCN3F121GE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCN3F121GE PANASONIC-ECCN3F121GE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors Low loss type
More results

Similar Description - ECCN3F121GE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
   High voltage ceramic disc capacitors (low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors ( Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A151KBP PANASONIC-ECK-A3A151KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low Loss type)
ECKA3D101KBP PANASONIC-ECKA3D101KBP Datasheet
579Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com