Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-150RED Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 46-150RED
Description  Long Wipe Contact Assures High Reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

46-150RED Datasheet(HTML) 1 Page - Grayhill, Inc

  46-150RED Datasheet HTML 1Page - Grayhill, Inc 46-150RED Datasheet HTML 2Page - Grayhill, Inc 46-150RED Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Wiping Contact Pushbutton Switches
Single Pole/Double Throw
46-101* (BBM)
46-110* (MBB)
DIMENSIONS In Inches (and millimeters)
46-102* (BBM)
46-111* (MBB)
Double Pole/Double Throw
46-200* (BBM)
46-201* (MBB)
SERIES 46
SPST and DPDT, 1/4 Amp
FEATURES
• Long Wipe Contact Assures
High Reliability
• 250,000 Cycles of Operation
CIRCUITRY
46-101 RED
Red
46-101 BLK
Black
46-102 RED
Red
46-102 BLK
Black
46-110 RED
Red
46-110 BLK
Black
46-111 RED
Red
46-111 BLK
Black
Operations
at Rated
Load
1/4 Amp
1/8 Amp
250,000
Total
Travel
*Complete
Part
Number
Button
or Cap
Color
Rating at
220 Vac
Resistive
Rating at
115 Vac
Resistive
Mtg.
Hole
Bottoming
Force (oz.)
Action
Momentary
17 ± 5
46-200 RED
Red
46-200 BLK
Black
46-201 RED
Red
46-201 BLK
Black
Operations
at Rated
Load
Rating at
220 Vac
Resistive
Cap
Color
1/4 Amp
1/8 Amp
250,000
Rating at
115 Vac
Resistive
Action
*Complete
Part
Number
Momentary
35 ± 9
Bottoming
Force (oz.)
Total
Travel
Mtg.
Hole
.180 (4,57)
17/64"
Min.
(6,75)
.180 (4,57)
17/64"
Min.
(6,75)
.375 ± .010
(9,53 ± 0,25) DIA.
HEX MOUNTING NUT
.375 (9,53)
ACROSS FLATS
.109 (2,77)
THICK
1,56
(39,6)
REF.
SNAP ON
BUTTON CAP
1/4-32 UNEF-2A
THREAD
A = .250 ± .005
(6,35 ± 0,13)
B = .734 (18,64)
REF.
C = .187 ± .010
(4,75 ± 0,38)
.625 ± .015
(15,88 ± 0,38)
.187 ± .015
(4,75 ± 0,38)
B
A
.391
(9,93)
REF.
NO
NC
NO
C
NC
C
C
.453 ± .015
(11,51 ± 0,38)
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.125 ±.005
(3,18 ± 0,13) DIA.
1/4-32 UNEF-2A
THREAD
HEX MOUNTING NUT
.375 (9,53)
ACROSS FLATS
.109 (2,77)
THICK
.437 ± .010
(11,10 ± 0,25) DIA.
.187 ± .015
(4.75 ± 0,38)
.703
(17,86)
MAX.
1.327
(33,7)
REF.
A
.187 ± .010
(4,75 ± 0,25)
A = .250 ± .005
(6,35 ± 0,13)
NC
NO
C
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.375 ± .010
(9,53 ± 0,25)
DIA.
.187
± .010
(4,75
± 0,25)
.391
(9,93)
REF.
SNAP ON
BUTTON
CAP
LABEL*
*PART
NUMBER
AND E.I.A.
DATE CODE
LABEL
SPDT - BBM
N.C.
N.O.
C.
N.O.
N.C.
C.
SPDT MBB
DPDT BBM
N.C.
N.O.
C1
N.C.
N.O.
C2
DPDT MBB
N.O.
N.C.
C.
N.O.
N.C.
C.
Pushbutton
54


Similar Part No. - 46-150RED

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
46-102-A-04 GRAYHILL-46-102-A-04 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
46-111-A-03 GRAYHILL-46-111-A-03 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
logo
OEN India Limited
46-12-2C-S OENINDIA-46-12-2C-S Datasheet
61Kb / 1P
   SIGNAL RELAY
More results

Similar Description - 46-150RED

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM11AIG ABRACON-ABM11AIG Datasheet
5Mb / 4P
   Hermetically sealed ceramic package assures high precision and reliability
12.09.15
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
logo
Amphenol Corporation
HS12SP AMPHENOL-HS12SP Datasheet
119Kb / 4P
   Good, long-term reliability
logo
PETERMANN-TECHNIK
ULPO PETERMANN-ULPO_15 Datasheet
652Kb / 7P
   Excellent long time reliability
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
logo
PETERMANN-TECHNIK
ULPO-RB1 PETERMANN-ULPO-RB1_15 Datasheet
1Mb / 10P
   Excellent long time reliability
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com