Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL1019-G Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part No. EL1019-G
Description  4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL1019-G Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DATASHEET
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G Series
11
Copyright © 2010, Everlight All Rights Reserved. Release Date : August 24, 2013. Issue No: DPC-0000037 Rev.4
www.everlight.com
Precautions for Use
1. Soldering Condition
1.1 (A) Maximum Body Case Temperature Profile for evaluation of Reflow Profile
Note:
Reference: IPC/JEDEC J-STD-020D
Preheat
Temperature min (Tsmin)
150 °C
Temperature max (Tsmax)
200°C
Time (Tsmin to Tsmax) (ts)
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3 °C/second max
Other
Liquidus Temperature (TL)
217 °C
Time above Liquidus Temperature (t L)
60-100 sec
Peak Temperature (TP)
260°C
Time within 5 °C of Actual Peak Temperature: TP - 5°C
30 s
Ramp- Down Rate from Peak Temperature
6°C /second max.
Time 25°C to peak temperature
8 minutes max.
Reflow times
3 times
.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn