Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL1019-G Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. EL1019-G
Description  4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL1019-G Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : August 24, 2013. Issue No: DPC-0000037 Rev.4
www.everlight.com
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G Series
Features:
• Free halogens compliant
• Current transfer ratio
(CTR: 50~600% at IF =5mA, VCE =5V)
(CTR: 63~320% at IF =10mA, VCE =5V)
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Compact 4 Pin SOP with a 2.0 mm profile
• 8mm long creepage distance
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 40028391)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
Description
The EL101X-G series devices consist of an infrared emitting
diode, optically coupled to a phototransistor detector. Compound
use free halogens and Sb2O3.
They are packaged in a 4-pin SOP package
Applications
Programmable controllers
System appliances, measuring instruments
Telecommunication equipments
Home appliances, such as fan heaters, etc.
Signal transmission between circuits of different potentials and impedances
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Emitter
4. Collector


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn