Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL1019-G Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. EL1019-G
Description  4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL1019-G Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATASHEET
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G Series
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : August 24, 2013. Issue No: DPC-0000037 Rev.4
www.everlight.com
Electro-Optical Characteristics (Ta=25℃ unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
-
1.45
1.5
V
IF =50mA
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
50
-
pF
V = 0, f = 1kHz
Output
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Transfer Characteristics
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Current
Transfer
ratio
EL1010
CTR
50
-
600
%
IF = 5mA ,VCE = 5V
EL1017
80
-
160
EL1018
130
-
260
EL1019
200
-
400
EL1012
CTR
63
-
125
%
IF = 10mA ,VCE = 5V
EL1013
100
-
200
EL1014
160
-
320
EL1012
22
-
-
IF = 1mA ,VCE = 5V
EL1013
34
-
-
EL1014
56
-
-
Collector-Emitter
saturation voltage
VCE(sat)
-
-
0.3
V
IF =10mA ,IC = 1mA
Isolation resistance
RIO
5×10
10
-
-
VIO = 500Vdc,
40~60% R.H.
Floating capacitance
CIO
-
-
1.0
pF
VIO = 0, f = 1MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn