Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS102 Datasheet(PDF) 1 Page - Dc Components

Part # RS102
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

RS102 Datasheet(HTML) 1 Page - Dc Components

  RS102 Datasheet HTML 1Page - Dc Components RS102 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low cost
* Low leakage
* Low forward voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS101
THRU
RS107
RS-1
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 1.26 grams
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Volts
Amps
1.0
30
Amps
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
RS101
RS102
RS103
RS104
RS105
RS106
RS107
Maximum Average Forward Output Current at TA = 50
oC
50
100
200
400
600
800
1000
I
2t Rating for Fusing (t<8.3ms)
I
2t
10
A
2Sec
Typical Junction Capacitance ( Note1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
R
θJA
40
0C/W
VF
IR
1.0
500
Maximum DC Reverse Current at Rated
Maximum Forward Voltage Drop per element at 1.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
DC Blocking Voltage per element
10
Operating Temperature Range
T STG
-55 to + 150
0C
TJ
-55 to + 125
0C
Storage Temperature Range
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
uAmps
194
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - RS102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS102 RECTRON-RS102 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Zibo Seno Electronic En...
RS102 ZSELEC-RS102 Datasheet
84Kb / 2P
   1.0A BRIDGE RECTIFIER
logo
Bytes
RS102 BYTES-RS102 Datasheet
146Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS102 FORMOSA-RS102 Datasheet
31Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
RS102 DAESAN-RS102 Datasheet
255Kb / 2P
   CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - RS102

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBK25A DCCOM-KBK25A Datasheet
453Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com