Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90156-0155 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90156-0155
Description  2.54mm Pitch C-Grid III??Crimp Housing Single Row, 15 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90156-0155 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90156-0155 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
90156-0155
Status:
Active
Overview:
C-Grid III™
Description:
2.54mm Pitch C-Grid III™ Crimp Housing Single Row, 15 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
90156
Application
Signal, Wire-to-Board
Overview
C-Grid III™
Product Name
C-Grid III™
UPC
800753667327
Physical
Breakaway
No
Circuits (maximum)
15
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
PPO
Net Weight
1.169/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3A
Solder Process Data
Duration at Max. Process Temperature (seconds)
2
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
120
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90156
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90156Series
Mates With
90120 , 90121, 90136
Use With
90119
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90156-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90156-0155 MOLEX10-90156-0155 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 15 Circuits
More results

Similar Description - 90156-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901560155 MOLEX1-0901560155_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 15 Circuits
0901560155 MOLEX10-0901560155 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 15 Circuits
90156-0145 MOLEX11-90156-0145 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 5 Circuits
90156-0146 MOLEX11-90156-0146 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 6 Circuits
90156-0152 MOLEX11-90156-0152 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 12 Circuits
90156-0156 MOLEX11-90156-0156 Datasheet
33Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 16 Circuits
90156-0162 MOLEX11-90156-0162 Datasheet
33Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 22 Circuits
0901560154 MOLEX1-0901560154_17 Datasheet
27Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 14 Circuits
0901560170 MOLEX1-0901560170_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 30 Circuits
0901560165 MOLEX1-0901560165_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 25 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com