Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-C-10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. OS-C-10
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS-C-10 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  OS-C-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PART NO.
PART NO.
PART NO.
REF.
10 PACK
50 PACK
100 PACK
TIP DESCRIPTION
SHAFT DESCRIPTION
A
SW2PF-10
SW2PF-50
SW2PF-100
Foam tip; 3/16" D x 19/32" L
2" Solid
B
SW3PF-10
SW3PF-50
SW3PF-100
Foam tip; 3/16" D x 11/16" L
3" Solid
C
SW3WF-10
SW3WF-50
SW3WF-100
Foam tip; 3/16" D x 11/16" L
3" Wood
D
SW5PF-10
SW5PF-50
SW5PF-100
Rectangular foam tip;
5" Solid
9/16" D x 15/16" L
E
SW5PFA-10
SW5PFA-50
SW5PFA-100
Foam Tip; 91% Isopropyl
5" Semi-saturated
alcohol, 9% H2O
F
SW5PFAS-10
SW5PFAS-50
SW5PFAS-100
Anti-stat foam tip;
5" Anti-static solid
3/16" D x 11/16" L
G
SW5PFR-10
SW5PFR-50
SW5PFR-100
Round foam tip;
5" Solid
29/32" D x 1-1/8" L
H
SW6BPF-10
SW6BPF-50
SW6BPF-100
Foam tip; 3/8" D x 1" L
6" Blue solid
I
SW6PF-10
SW6PF-50
SW6PF-100
Foam over cotton tip;
6" Solid
3/16" D x 15/16" L
J
SW6PFAS-10
SW6PFAS-50
SW6PFAS-100
Anti-stat foam tip;
6" Anti-static solid
3/16" D x 11/16" L
K
SW6PFG-10
SW6PFG-50
SW6PFG-100
Large foam tip; 3/8" D x 1" L
6" Solid
L
SW6WC-10
SW6WC-50
SW6WC-100
Cotton tip; 3/16" D x 5/8" L
6" Wood
M
SW6WF-10
SW6WF-50
SW6WF-100
Foam tip; 3/8" D x 13/16" L
6" Wood
N
SW6WFAS-10
SW6WFAS-50
SW6WFAS-100
Anti-stat foam tip;
6" Wood
3/16" D x 11/16" L
O
SW6WFCAS-10
SW6WFCAS-50
SW6SFCAS-100
Anti-stat foam over cotton tip;
6" Wood
3/8" D x 13/16" L
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
SWABS
Swabs for Electronic Cleaning Applications
• Can be utilized with most electronic cleaning solvents
• Only virgin materials used
• Low contamination and lint levels used
• Packaged in anti-static material
• Available in convenient packages (10, 50 or 100 per package)
• Durable, high strength shafts
6


Similar Part No. - OS-C-10

ManufacturerPart No.DatasheetDescription
Festo Corporation.
Festo Corporation.
OS-1/2 FESTO-OS-1/2 Datasheet
84Kb / 1P
   OR gate
4/15/22
OS-1/4-B FESTO-OS-1/4-B Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/4-NPT FESTO-OS-1/4-NPT Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/8-B FESTO-OS-1/8-B Datasheet
77Kb / 1P
   OR gate
4/15/22
OS-1/8-NPT FESTO-OS-1/8-NPT Datasheet
77Kb / 1P
   OR gate
4/15/22
More results

Similar Description - OS-C-10

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
OS-B-5 ETC2-OS-B-5 Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
Hamamatsu Corporation
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
   Multiply faster
Anaren Microwave
Anaren Microwave
XDL20-8-140S ANAREN-XDL20-8-140S Datasheet
160Kb / 3P
   Consistent Delay
XDL21-7-125 ANAREN-XDL21-7-125 Datasheet
158Kb / 3P
   Consistent Delay
XDL09-09-224S ANAREN-XDL09-09-224S Datasheet
123Kb / 3P
   Consistent Delay
XDL20-6-100S ANAREN-XDL20-6-100S Datasheet
136Kb / 3P
   Consistent Delay
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
FP-A3 COOPER-FP-A3 Datasheet
239Kb / 2P
   Turn the Bay Faster With Quick Access to the Right Fuse
List of Unclassifed Manufacturers
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
Silicon Laboratories
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
   Faster conversion time
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz