Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS-C-10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OS-C-10
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS-C-10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OS-C-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS-C-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WIDTH / CORE
REPLACES OEM ROLL
CORE
ROLL
PART NO.
LENGTH
MAKE
& MACHINE TYPE
LENGTH
CORE ID
LENGTH
EB41M1855
445/457/41 mm
MPM
P1485 AP & UP Series 3000 18"
18"
.75"
55'
EB41M1818-1
2348/457/41 mm
MPM
P2348 AP Series
18"
1.0"
47'
EB41M1812
305/457/41 mm
MPM
P2112 AP Series
18"
.75"
55'
EB41M2424
600/609/41 mm
MPM
MPM AP36
24"
.75"
55'
EB41M1809
223/457/41 mm
MPM
AP17, 21, 25, 27 UP 2000
18"
.75"
55'
EB41M0909
223/457/41 mm
MPM
AP17, 21, 25, 27
9"
.75"
55'
EB41M2222
550/559/41 mm
MPM
UP 3000 22"
22"
.75"
55'
EB41D1818
265/455/41 mm
DEK
DEK 260A #128034
18"
.75"
39'
EB41D2112
265/305/41 mm
DEK
265 Series
12"
.75"
39'
EB41D2120
265/530/41 mm
DEK
265 Series GS #129051
21"
.75"
39'
EB41D2121
265/540/41 mm
DEK
DEK265 #112239
21.25"
.75"
39'
EB41D2116
265/400/41 mm
DEK
DEK 265 GS/GSX/288 Horizon Infinity
21"
.75"
39'
EB41E1212
300/41 mm
EKRA
E4, E5
12"
.5"
33'
EB41E1616
400/41 mm
EKRA
E4, E5
16"
.5"
33'
EB41E2020
500/41 mm
EKRA
E4, E5
20"
.5"
33'
EB41E2424
600/41 mm
EKRA
E4, E5
24"
.5"
33'
EB41S1616
410/410/41 mm
SMTECH
SMT Quad
16"
1.5"
39'
EB41S2120
520/520/41 mm
SMTECH
SMT Quad
20"
1.5"
39'
EB41P1414
PGI 360/41 mm
Panasonic
GI Series
14.18"
1.5"
40'
EB41P1414-118
PGI 360/41 mm
Panasonic
GI Series
14.18"
1.5"
118'
EB41P1616
PGI 410/41 mm
Panasonic
GI Series
16"
1.5"
40'
EB41P1616-108
PGI 410/41 mm
Panasonic
GI Series
16"
1.5"
108'
EB41P2121
PGI 540/41 mm
Panasonic
GI Series
21.25"
1.5"
40'
EB41P2821
MSS
Panasonic
MSS
28"
1.5"
45'
EB41F1919
495/495/41 mm
Fuji
Fuji GSP
19.5"
1.0"
33'
STENCIL ROLLS
Material Designed Specifically for SMT Screen Printers
• Less down time, less change over time, and less inventory
required
• Material adaptable for all vacuum and non-vacuum
machines
• High strength, even when wet
• Exceptionally low lint levels
• Solvent resistant and highly absorbent
• Excellent in both wet and dry applications
• Custom stencil rolls available upon request
3


Similar Part No. - OS-C-10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
OS-1/2 FESTO-OS-1/2 Datasheet
84Kb / 1P
   OR gate
4/15/22
OS-1/4-B FESTO-OS-1/4-B Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/4-NPT FESTO-OS-1/4-NPT Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/8-B FESTO-OS-1/8-B Datasheet
77Kb / 1P
   OR gate
4/15/22
OS-1/8-NPT FESTO-OS-1/8-NPT Datasheet
77Kb / 1P
   OR gate
4/15/22
More results

Similar Description - OS-C-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS-B-5 ETC2-OS-B-5 Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
logo
Keysight Technologies
DAQ970A KEYSIGHT-DAQ970A Datasheet
397Kb / 2P
   Sample More Signals, Faster and Dynamically
December 23, 2019
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
   Multiply faster
logo
Anaren Microwave
XDL21-7-125 ANAREN-XDL21-7-125 Datasheet
158Kb / 3P
   Consistent Delay
XDL20-8-140S ANAREN-XDL20-8-140S Datasheet
160Kb / 3P
   Consistent Delay
XDL09-09-224S ANAREN-XDL09-09-224S Datasheet
123Kb / 3P
   Consistent Delay
XDL20-6-100S ANAREN-XDL20-6-100S Datasheet
136Kb / 3P
   Consistent Delay
logo
Cooper Bussmann, Inc.
FP-A3 COOPER-FP-A3 Datasheet
239Kb / 2P
   Turn the Bay Faster With Quick Access to the Right Fuse
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
   Faster conversion time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com