Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS12016 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS12016
Description  120MHz SAW Filter 4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12016 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS12016 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12016 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12016 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12016
Rev. Date
2005-9-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
120MHz SAW Filter
4MHz Bandwidth
Part Number: LBS12016
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
119.9
120
120.1
Insertion Loss
dB
23
25.8
27
1.5 dB Bandwidth
MHz
4
4.05
-
3 dB Bandwidth
MHz
4.2
4.23
-
20 dB Bandwidth
MHz
-
4.76
4.8
30 dB Bandwidth
MHz
-
4.9
5.2
40 dB Bandwidth
MHz
-
4.97
5.8
45 dB Bandwidth
MHz
-
5.1
6.5
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
2.38
2.5
Group Delay Variation(f0±2MHz)
nsec
-
150
-
Phase Linearity(f0±2MHz)
deg
-
10
-
Ultimate Rejection
dB
40
47
-
Material Temperature coefficient
KHz/°C
0.12
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=39nH
L2=100nH L3=27nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS12016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12016 SIPAT-LBS12016 Datasheet
141Kb / 3P
   120MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS12016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12016 SIPAT-LBS12016 Datasheet
141Kb / 3P
   120MHz SAW Filter 4MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
141Kb / 3P
   120MHz SAW Filter 24.1MHz Bandwidth
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT12021 SIPAT-LBT12021 Datasheet
138Kb / 3P
   120MHz SAW Filter 7MHz Bandwidth
LBN12012 SIPAT-LBN12012 Datasheet
193Kb / 3P
   120MHz SAW Filter 15MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
146Kb / 3P
   120MHz SAW Filter 24.1MHz Bandwidth
LBT12023 SIPAT-LBT12023 Datasheet
145Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBS12038 SIPAT-LBS12038 Datasheet
149Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
LBS12031 SIPAT-LBS12031 Datasheet
145Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
LBN12037 SIPAT-LBN12037 Datasheet
148Kb / 3P
   120MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com