Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L151 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-L151
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L151 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-L151 Datasheet HTML 1Page - Omron Electronics LLC E39-L151 Datasheet HTML 2Page - Omron Electronics LLC E39-L151 Datasheet HTML 3Page - Omron Electronics LLC E39-L151 Datasheet HTML 4Page - Omron Electronics LLC E39-L151 Datasheet HTML 5Page - Omron Electronics LLC E39-L151 Datasheet HTML 6Page - Omron Electronics LLC E39-L151 Datasheet HTML 7Page - Omron Electronics LLC E39-L151 Datasheet HTML 8Page - Omron Electronics LLC E39-L151 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Photoelectric Sensor
Ratings and Specifications
Standard Sensing Object for the Mark Sensor
Sensing method Diffuse reflective (mark detection)
Model
NPN output
E3ZM-V61/-V66
Item
PNP output
E3ZM-V81/-V86
Sensing distance
12
±2 mm *1
*1. A deviation of ±2 mm (typical value) can be handled for combinations of white, yellow, and black. Refer to page 5 for the detection capabilities for other colors.
Sensing range
Depends on the combination of colors. Refer to Engineering Data on page 5 for details.
Spot diameter
2-mm dia. max.
Light source
(wavelength)
White LED (450 to 700 nm)
Power supply voltage
10 to 30 VDC, including 10% ripple (p-p)
Power consumption
600 mW max. (current consumption for a 30-V power supply voltage: 20 mA max.)
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max. (Residual voltage: 2 V max.)
Open-collector output (NPN/PNP output depending on model)
Remote control input
NPN output ON: Short-circuit to 0 V, or 1.5 V max. (source current: 1 mA max.)
NPN output OFF:Open or Vcc 1.5 V to Vcc (leakage current: 0.1 mA max.)
PNP output ON: Vcc 1.5 V to Vcc (sink current: 1 mA max.)
PNP output OFF: Open or 1.5 V max. (leakage current: 0.1 mA max.)
Operating modes
Set in the order of the teaching operation. *2
*2. Mark Sensor output switching: When teaching, specify the ON color first and the OFF color second.
Protection circuits
Reversed power supply polarity, Load short-circuit protection, and Reversed output polarity protection
Response time
Operate or reset: 50
μs max.
Sensitivity adjustment
Teaching method
Ambient illumination
(Receiver side) Incandescent lamp: 3,000 lx max., Sunlight: 10,000 lx max.
Ambient temperature
range
Operating:
−40 to 60°C *3, Storage: −40 to 70°C (with no icing or condensation)
*3. Do not bend the cable in temperatures of -25°C or lower.
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 h each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529: IP67, DIN 40050-9: IP69K *4
*4. For connector models IP69k rating is with connector attached.
Connection method
Pre-wired cable (standard length: 2 m) or M8 4-pin connector
Indicator
Operating indicator (yellow), Stability indicator (green), and Teaching indicator (red)
Weight (packed state)
Pre-wired models (2-m cable): Approx. 85 g
Connector models: Approx. 35 g
Materials
Housing
SUS316L
Lens
PMMA (polymethylmethacrylate)
Indication
PES (polyethersulfone)
Buttons
Fluoro rubber
Cable
PVC (polyvinyl chloride)
Accessories
Instruction sheet
Color
Munsell color notation
White
N9.5
Red
4R 4.5/12.0
Yellow-red
4YR 6.0/11.5
Yellow
5Y 8.5/11.0
Yellow-green
3GY 6.5/10.0
Green
3G 6.5/9.0
Blue-green
5BG 4.5/10.0
Blue
3PB 5.0/10.0
(Black)
(N2.0)


Similar Part No. - E39-L151

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L151 OMRON-E39-L151 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-L151 OMRON-E39-L151 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L151

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com