Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L104 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-L104
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L104 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-L104 Datasheet HTML 1Page - Omron Electronics LLC E39-L104 Datasheet HTML 2Page - Omron Electronics LLC E39-L104 Datasheet HTML 3Page - Omron Electronics LLC E39-L104 Datasheet HTML 4Page - Omron Electronics LLC E39-L104 Datasheet HTML 5Page - Omron Electronics LLC E39-L104 Datasheet HTML 6Page - Omron Electronics LLC E39-L104 Datasheet HTML 7Page - Omron Electronics LLC E39-L104 Datasheet HTML 8Page - Omron Electronics LLC E39-L104 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
E3ZM-V
Ordering Information
Sensor
Accessories
Sensor I/O Connectors
Note 1: The outer cover of the cable is made of PVC (polyvinyl chloride), the nut is SUS316L, and the degree of protection is IP67. When high-pressure washing will
be used, select an I/O Connector that has IP69K degree of protection.
Note 2: For detergent resistant cable connectors with stainless steel nuts see accessory datasheet E26E or contact your OMRON representative
Mounting Brackets
Sensing method
Appearance
Connection method
Sensing distance
Model
NPN output
PNP output
Mark Sensor
(Diffuse reflective)
Pre-wired (2 m)
*1
*1. A deviation of ±2 mm (typical value) can be handled for combinations of white, yellow, and black. Refer to page 5 for the detection capability for other color com-
binations.
E3ZM-V61 2M
E3ZM-V81 2M
Connector (M8, 4 pins)
E3ZM-V66
E3ZM-V86
White light
12±2 mm
Size
Cable
Appearance
Cable type
Model
M8 (4 pins)
Standard
Straight
2 m
4-wire
XS3F-E421-402-A
5 m
XS3F-E421-405-A
L-shaped
2 m
XS3F-E422-402-A
5 m
XS3F-E422-405-A
Appearance
Model
(Material)
Quantity
Remarks
Appearance
Model
(Metal material)
Quantity
Remarks
E39-L153
(SUS304)
1
Mounting Brackets
E39-L98
(SUS304)
1
Protective Cover
Bracket *1
E39-L104
(SUS304)
1
E39-L150
(SUS304)
1 set
(Sensor adjuster)
Easily mounted to
the aluminum frame
rails of conveyors and
easily adjusted.
For vertical angle
adjustment
E39-L43
(SUS304)
1
Horizontal Mounting
Bracket *1
E39-L151
(SUS304)
1 set
E39-L142
(SUS304)
1
Horizontal Protective
Cover Bracket *1
E39-L44
(SUS304)
1
Rear Mounting
Bracket
E39-L144
(SUS304)
1 set
Compact Protective
Cover Bracket *1
*1. Cannot be used for Standard Connector models.


Similar Part No. - E39-L104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L104 OMRON-E39-L104 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L104 OMRON-E39-L104 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-L104 OMRON-E39-L104 Datasheet
1Mb / 17P
   Mounting Brackets
E39-L104 OMRON-E39-L104 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-L104 OMRON-E39-L104 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L104

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com