Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF512 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPF512
Description  Fiber Optic Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF512 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPF512 Datasheet HTML 1Page - OPTEK Technologies OPF512 Datasheet HTML 2Page - OPTEK Technologies OPF512 Datasheet HTML 3Page - OPTEK Technologies OPF512 Datasheet HTML 4Page - OPTEK Technologies OPF512 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A
05/2013
Page 1 of 5
Fiber Optic Receiver
OPF500 Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Applications
♦ Industrial Ethernet equipment
♦ Copper-to-fiber media conversion
♦ Intra-system fiber optic links
♦ Video surveillance systems
OPF500 Series
Interfaces with all logic circuits
Two output options
Optimized for fiber optic applications using 50 to 200 mi-
cron fibers
Data rate to 200kbps NRZ
Available with multiple packaging options
The OPF500 series receiver contains a monolithic integrated circuit which incorporates a photodiode, linear ampli-
fier, a voltage regulator, and a Schmitt trigger on a single silicon chip. These receivers are designed for short haul
fiber optic systems using 850 nm LEDs such as Optek’s OPF300 series.
These devices feature TTL/LSTTL compatible logic level output. An internal voltage regulator allows operation
with supply voltages ranging from 4.5V to 16V.
RoHS
This component is susceptible to dam-
age from electrostatic discharge (ESD).
Normal static precautions should be
taken in handling and assembly of this
component to prevent ESD damage or
degradation.
Part Number
Description
OPF500
Buffer, 10kW Pull-Up
Plastic Cap Component
OPF505
Buffer, 10kW Pull-Up
Metal Can Component
OPF507
Buffer, 10kW Pull-Up
Metal ST Receptacle
OPF510
Inverter, 10kW Pull-Up
Plastic Cap Component
OPF512
Inverter, 10kW Pull-Up
Metal ST Receptacle
Part Ordering Information


Similar Part No. - OPF512

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF512 OPTEK-OPF512 Datasheet
720Kb / 4P
   200kbps Fiber Optic Receiver
More results

Similar Description - OPF512

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
   Fiber-Optic Receiver
logo
Unity Opto Technology
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
   Fiber Optic Receiver
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
   Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
   Fiber Optic Receiver
logo
List of Unclassifed Man...
ACRX531 ETC-ACRX531 Datasheet
122Kb / 4P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com