Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX600 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZTX600
Description  NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTX600 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZTX600 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZTX600 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZTX600 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
1
1000
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
0
0.60
0.01
0.1
10
1
0.70
0.80
0.90
1.00
IC - Collector Current (Amps)
VBE(sat) v IC
1.0
0.01
10
0.1
1
1.2
1.4
1.6
1.8
IC/IB=100
IC/IB=100
IC - Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
4k
8k
12k
16k
20k
VCE=10V
Group A
Group B
IC - Collector Current (Amps)
VBE(on) v IC
1.2
1.3
1.4
1.5
0.01
0.1
110
1.1
VCE=5V
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
ZTX600
ZTX601
3-208
OBSOLETE


Similar Part No. - ZTX600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX600 ZETEX-ZTX600 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZTX600 DIODES-ZTX600 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX600 DIODES-ZTX600_15 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
More results

Similar Description - ZTX600

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX602 DIODES-ZTX602 Datasheet
85Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BCX38CSTZ ETC2-BCX38CSTZ Datasheet
96Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZTX602 DIODES-ZTX602_15 Datasheet
85Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
ZTX600 ZETEX-ZTX600 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
ZTX604 ZETEX-ZTX604 Datasheet
75Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER(DARLINGTON TRANSISTORS)
logo
Diodes Incorporated
ZTX601B DIODES-ZTX601B Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
ZTX602 ZETEX-ZTX602 Datasheet
78Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FZT605 ZETEX-FZT605 Datasheet
75Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT38A ZETEX-FMMT38A Datasheet
118Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
2N6724 ZETEX-2N6724 Datasheet
27Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com