Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV16825 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV16825
Description  OV16820/OV16825 16-megapixel product brief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV16825 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV16825 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV16825 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Digital Still Cameras
HD Video Camcorders
¬
¬
Cellular and Mobile Phones
Telepresence
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
OmniBSI-2™ (second generation BSI)
support for image sizes:
4608 x 3456 and below
16 megapixel at 30 fps
4K2K at 60 fps
8-lane LVDS/MIPI serial output
interface
two-wire serial bus control (SCCB)
four-wire serial interface
strobe output to control flash
embedded 2048 bytes of one-time
programmable (OTP) memory
on-chip phase lock loop (PLL)
supports pixel binning,
re-sampling filter
on-chip scalar
2x2, 3x3 binning support
support for output format:
10/12 bits RAW RGB and
DPCM 10-8 compression
capable of maintaining register values
at power down
programmable controls: gain,
exposure, frame rate, image size,
horizontal mirror, vertical flip,
cropping, RAW scaling, windowing,
and panning
image control functions: manual
exposure (MEC), manual gain control
(MGC) and automatic black level
calibration (ABLC)
image quality controls:
defect pixel correction
low dark current
support for black sun cancellation
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV16820-C28A
(color, lead-free, 161-pin CLGA)
¬
OV16825-G04A
(color, chip probing, 200 µm
backgrinding, reconstructed wafer)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 4608 x 3456
power supply:
- analog: 2.8V
- core: 1.26V
- I/O: 2.8V/1.8V
power requirements:
- active: 310 mA
- standby: 10 µA
temperature range:
- operating: -30°C to 70°C junction
temperature
- stable image: 0°C to 60°C junction
temperature
output interfaces: up to 8 data lanes
LVDS/MIPI output
output formats: RAW RGB data
lens size: 1/2.3"
lens chief ray angle:
- DSC/DVC: 8.5° non-linear
- mobile: 29.7° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate:
- 16MP: 30 fps
scan mode: progressive
shutter: rolling
maximum exposure interval:
1 frame - 4Tline
sensitivity: 800 mV/lux-sec
max S/N ratio: 36.4 dB
dynamic range: 68.6 dB @ 8x gain
pixel size: 1.34 µm x 1.34 µm
dark current: 30 e-/s @
60°C junction temperature
image area: 6239.04 µm x 4673.92 µm
package/die dimensions:
- CLGA: 12.8 mm x 11.8 mm
- COB: 9200 µm x 8900 µm
Product Specifications
Version 1.2, October, 2013
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision is a registered trademark of OmniVision Technologies,
Inc. The OmniVision logo and OmniBSI are trademarks of OmniVision Technologies, Inc. All other
trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV16820/OV16825
OV16820/OV16825
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
control register bank
4-wire slave
interface
SCCB slave
interface
timing generator and
system control logic
image
array
gain control
PLL
AMP
MCP/N[1:0]
MDP/N[7:0]
LCP/N[1:0]
LDP/N[7:0]
12-bit
ADC


Similar Part No. - OV16825

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV16860 OMNIVISION-OV16860 Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV16860-GA5A OMNIVISION-OV16860-GA5A Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV16880 OMNIVISION-OV16880 Datasheet
2Mb / 2P
   16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
OV16880-GA5A-1B OMNIVISION-OV16880-GA5A-1B Datasheet
2Mb / 2P
   16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
OV16885 OMNIVISION-OV16885 Datasheet
946Kb / 2P
   16-Megapixel PureCel짰Plus-S Sensor
More results

Similar Description - OV16825

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV8830 OMNIVISION-OV8830 Datasheet
808Kb / 2P
   OV8830 8-megapixel product brief
OV8820 OMNIVISION-OV8820 Datasheet
660Kb / 2P
   OV8820 8-megapixel product brief
OV14810 OMNIVISION-OV14810 Datasheet
777Kb / 2P
   OV14810 14.6-megapixel product brief
OV14825 OMNIVISION-OV14825 Datasheet
1Mb / 2P
   OV14825 14-megapixel product brief
OV5670 OMNIVISION-OV5670 Datasheet
1Mb / 2P
   OV5670 5-megapixel product brief
OV12825 OMNIVISION-OV12825 Datasheet
1Mb / 2P
   OV12825 12.6-megapixel product brief
OV12830 OMNIVISION-OV12830 Datasheet
670Kb / 2P
   OV12830 12.8-megapixel product brief
OV5640 OMNIVISION-OV5640 Datasheet
588Kb / 2P
   OV5640 5-megapixel product brief
OV5647 OMNIVISION-OV5647 Datasheet
1Mb / 2P
   OV5647 5-megapixel product brief
OV5653 OMNIVISION-OV5653 Datasheet
558Kb / 2P
   OV5653 5-megapixel product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com