Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLC453232T-270K Datasheet(PDF) 1 Page - TDK Electronics

Part # NLC453232T-270K
Description  For Power Line SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLC453232T-270K Datasheet(HTML) 1 Page - TDK Electronics

  NLC453232T-270K Datasheet HTML 1Page - TDK Electronics NLC453232T-270K Datasheet HTML 2Page - TDK Electronics NLC453232T-270K Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• All specifications are subject to change without notice.
(1/3)
001-02 / 20031021 / e531_nlc4532.fm
Inductors
NLC Series NLC4532 Type
For Power Line
SMD
FEATURES
• The NLC series feature low DC resistance and high current
handling capacities, making them ideal for power supply line
applications.
• They are available in ranging from 2520 to 5650 types.
APPLICATIONS
Portable telephones, personal computers, hard disk drives, and
other electronic equipment.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Perform soldering at 250°C on 30W max. within 5 seconds.
VAPOR-PHASING
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W×T
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
PACKAGING STYLE AND QUANTITIES
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
30s max.
Preheating: 120s
10s max.
100˚C
200˚C
230˚C
150˚C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100˚C
260˚C
150˚C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100˚C
215˚C
220˚C
150˚C
Natural
cooling
30s max.
Time(s)
Solvent
Please select the solvent of this product avoiding a strong
acid and a strong alkali, and considering the environments.
Time
2min max.
453232
4.5
×3.2×3.2mm
T
Taping(reel)
1R0
1
µH
330
33
µH
K±10%
Packaging style
Quantity
Taping
500 pieces/reel
NLC
453232
T- 2R2
M
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NLC453232T-270K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC453232T-270K-PF TDK-NLC453232T-270K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLC453232T-270K-PF TDK-NLC453232T-270K-PF Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
More results

Similar Description - NLC453232T-270K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25 TDK-NLCV25 Datasheet
52Kb / 2P
   For Power Line SMD
NLFC4532 TDK-NLFC4532 Datasheet
64Kb / 2P
   For Power Line SMD
SLF10145T-100M2R5-H TDK-SLF10145T-100M2R5-H Datasheet
55Kb / 2P
   For Power Line SMD
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com