Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP50P04SDG-E1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP50P04SDG-E1
Description  Old Company Name in Catalogs and Other Documents
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP50P04SDG-E1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP50P04SDG-E1 Datasheet HTML 1Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 2Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 3Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 4Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 5Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 6Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 7Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 8Page - Renesas Technology Corp NP50P04SDG-E1 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP50P04SDG
SWITCHING
P-CHANNEL POWER MOSFET
DATA SHEET
Document No. D19072EJ2V0DS00 (2nd edition)
Date Published March 2008 NS
Printed in Japan
2007
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The NP50P04SDG is P-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP50P04SDG-E1-AY
Note
NP50P04SDG-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK)
Note Pb-free (This product does not contain Pb in external electrode.)
FEATURES
• Super low on-state resistance
RDS(on)1 = 9.6 m
Ω MAX. (VGS = −10 V, ID = −25 A)
RDS(on)2 = 15 m
Ω MAX. (VGS = −4.5 V, ID = −25 A)
• Low input capacitance
Ciss = 5000 pF TYP.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
m50
A
Drain Current (pulse)
Note1
ID(pulse)
m150
A
Total Power Dissipation (TC = 25
°C)
PT1
84
W
Total Power Dissipation (TA = 25
°C)
PT2
1.2
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Current
Note2
IAS
37
A
Single Avalanche Energy
Note2
EAS
136
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = −20 V, RG = 25 Ω, VGS = −20 → 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
1.78
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
125
°C/W
(TO-252)
<R>


Similar Part No. - NP50P04SDG-E1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP50P04SDG-E1-AY VBSEMI-NP50P04SDG-E1-AY Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Renesas Technology Corp
NP50P04SDG-E1-AYNote RENESAS-NP50P04SDG-E1-AYNote Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results

Similar Description - NP50P04SDG-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com