Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N201SDG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3N201SDG
Description  3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N201SDG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3N201SDG Datasheet HTML 2Page - ON Semiconductor NB3N201SDG Datasheet HTML 3Page - ON Semiconductor NB3N201SDG Datasheet HTML 4Page - ON Semiconductor NB3N201SDG Datasheet HTML 5Page - ON Semiconductor NB3N201SDG Datasheet HTML 6Page - ON Semiconductor NB3N201SDG Datasheet HTML 7Page - ON Semiconductor NB3N201SDG Datasheet HTML 8Page - ON Semiconductor NB3N201SDG Datasheet HTML 9Page - ON Semiconductor NB3N201SDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NB3N201S, NB3N206S
http://onsemi.com
6
Table 5. DC CHARACTERISTICS VCC = 3.3 ±10% V( 3.0 to 3.6 V), GND = 0 V, TA = −40°C to +85°C (See Notes 4, 5)
Symbol
Characteristic
Min
Typ
(Note
5)
Max
Unit
BUS INPUT AND OUTPUT
IA
Input Current Receiver or Transceiver with Driver Disabled
VA = 3.8 V, VB = 1.2 V
VA = 0.0 V or 2.4 V, VB = 1.2 V
VA = −1.4 V, VB = 1.2 V
0
−20
−32
32
20
0
uA
IB
Input Current Receiver or Transceiver with Driver Disabled
VB = 3.8 V, VA = 1.2 V
VB = 0.0 V or 2.4 V, VA = 1.2 V
VB = −1.4 V, VA = 1.2 V
0
−20
−32
32
20
0
uA
IAB
Differential Input Current Receiver or Transceiver with driver disabled (IA−IB)
VA = VB , −1.4 ≤ VA ≤ 3.8 V
−4
4
uA
IA(OFF)
Input Current Receiver or Transceiver Power Off 0V ≤ VCC ≤ 1.5 and:
VA = 3.8 V, VB = 1.2 V
VA = 0.0 V or 2.4 V, VB = 1.2 V
VA = −1.4 V, VB = 1.2 V
0
−20
−32
32
20
0
uA
IB(OFF)
Input Current Receiver or Transceiver Power Off 0V ≤ VCC ≤ 1.5 and:
VB = 3.8 V, VA = 1.2 V
VB = 0.0 V or 2.4 V, VA = 1.2 V
VB = −1.4 V, VA = 1.2 V
0
−20
−32
32
20
0
uA
IAB(OFF)
Receiver Input or Transceiver Input/Output Power Off Differential Input Current; (IA−IB)
VA = VB , 0 ≤ VCC ≤ 1.5 V, −1.4 ≤ VA ≤ 3.8 V
−4
4
uA
CA
Transceiver Input Capacitance with Driver Disabled VA = 0.4 sin(30E6πt) + 0.5 V using
HP4194A impedance analyzer (or equivalent); VB = 1.2 V
5
pF
CB
Transceiver Input Capacitance with Driver Disabled VB = 0.4 sin(30E6πt) + 0.5 V using
HP4194A impedance analyzer (or equivalent); VA = 1.2 V
5
pF
CAB
Transceiver Differential Input Capacitance with Driver Disabled VA = 0.4 sin(30E6pt) +
0.5 V using HP4194A impedance analyzer (or equivalent);
VB = 1.2 V
3.0
pF
CA/B
Transceiver Input Capacitance Balance with Driver Disabled, (CA/CB)
99
101
%
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. See Figure 3. DC Measurements reference.
5. Typ value at 25°C and 3.3 VCC supply voltage.
Table 6. DRIVER AC CHARACTERISTICS VCC = 3.3 ±10% V( 3.0 to 3.6 V), GND = 0 V, TA = −40°C to +85°C (Note 6)
Symbol
Characteristic
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay (See Figure 7)
1.0
1.5
2.4
ns
tPHZ / tPLZ
Disable Time HIGH or LOW state to High Impedance (See Figure 8)
7
ns
tPZH / tPZL
Enable Time High Impedance to HIGH or LOW state (See Figure 8)
7
ns
tSK(P)
Pulse Skew (|tPLH − tPHL|) (See Figure 7)
0
100
ps
tSK(PP)
Device to Device Skew similar path and conditions (See Figure 7)
1
ns
tJIT(PER)
Period Jitter RMS, 100 MHz (Source tr/tf 0.5 ns, 10 and 90 % points, 30k
samples. Source jitter de−embedded from Output values ) (See Figure 10)
2
3
ps
tJIT(PP)
Peak−to−peak Jitter, 200 Mbps 215−1 PRBS (Source tr/tf 0.5 ns, 10 and 90%
points, 100k samples. Source jitter de−embedded from Output values) (See
Figure 10)
30
130
ps
tr / tf
Differential Output rise and fall times (See Figure 7)
1
1.6
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Typ value at 25°C and 3.3 VCC supply voltage.


Similar Part No. - NB3N201SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N201SDG ONSEMI-NB3N201SDG Datasheet
292Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
More results

Similar Description - NB3N201SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N200S ONSEMI-NB3N200S_15 Datasheet
289Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N201S ONSEMI-NB3N201S_15 Datasheet
292Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
ON Semiconductor
NBA3N200S ONSEMI-NBA3N200S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com