Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS1E153MELB Datasheet(PDF) 2 Page - Nichicon corporation

Part # LLS1E153MELB
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS1E153MELB Datasheet(HTML) 2 Page - Nichicon corporation

  LLS1E153MELB Datasheet HTML 1Page - Nichicon corporation LLS1E153MELB Datasheet HTML 2Page - Nichicon corporation LLS1E153MELB Datasheet HTML 3Page - Nichicon corporation LLS1E153MELB Datasheet HTML 4Page - Nichicon corporation LLS1E153MELB Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
2560
2890
3130
3010
3690
3640
3730
3980
3980
3880
4520
4440
4380
4980
4950
4820
5490
5600
5460
6210
6120
6930
6890
7690
1.08
1.20
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.77
1.97
1.97
1.97
2.17
2.17
2.17
2.36
2.36
2.60
2.60
2.83
LLS1C822MELZ
LLS1C103MELZ
LLS1C123MELZ
LLS1C123MELA
LLS1C153MELZ
LLS1C153MELA
LLS1C153MELB
LLS1C183MELZ
LLS1C183MELA
LLS1C183MELB
LLS1C223MELZ
LLS1C223MELA
LLS1C223MELB
LLS1C273MELA
LLS1C273MELB
LLS1C273MELC
LLS1C333MELA
LLS1C333MELB
LLS1C333MELC
LLS1C393MELB
LLS1C393MELC
LLS1C473MELB
LLS1C473MELC
LLS1C563MELC
16V (1C)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
2310
2560
2470
2860
2780
3310
3160
3770
3630
3800
4210
4100
4000
4680
4660
4680
5190
5330
5260
6020
6020
6750
7560
1.12
1.23
1.23
1.35
1.35
1.50
1.50
1.64
1.64
1.64
1.83
1.83
1.83
2.01
2.01
2.01
2.22
2.22
2.22
2.46
2.46
2.72
2.96
LLS1E562MELZ
LLS1E682MELZ
LLS1E682MELA
LLS1E822MELZ
LLS1E822MELA
LLS1E103MELZ
LLS1E103MELA
LLS1E123MELZ
LLS1E123MELA
LLS1E123MELB
LLS1E153MELZ
LLS1E153MELA
LLS1E153MELB
LLS1E183MELA
LLS1E183MELB
LLS1E183MELC
LLS1E223MELA
LLS1E223MELB
LLS1E223MELC
LLS1E273MELB
LLS1E273MELC
LLS1E333MELC
LLS1E393MELC
25V (1E)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
2220
2460
2430
2790
2750
2970
2890
3090
3470
3330
3290
3750
3650
3610
4150
4140
4270
4800
4800
4950
5300
5710
6380
6900
1.10
1.21
1.21
1.32
1.32
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.77
1.94
1.94
1.94
2.17
2.17
2.17
2.38
2.38
2.63
2.91
LLS1V392MELZ
LLS1V472MELZ
LLS1V472MELA
LLS1V562MELZ
LLS1V562MELA
LLS1V682MELZ
LLS1V682MELA
LLS1V682MELB
LLS1V822MELZ
LLS1V822MELA
LLS1V822MELB
LLS1V103MELZ
LLS1V103MELA
LLS1V103MELB
LLS1V123MELA
LLS1V123MELB
LLS1V123MELC
LLS1V153MELA
LLS1V153MELB
LLS1V153MELC
LLS1V183MELB
LLS1V183MELC
LLS1V223MELC
LLS1V273MELC
35V (1V)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 35
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1930
2210
2410
2380
2720
2680
3020
3070
3010
3430
3470
3430
3940
3870
3930
4440
4470
4410
5080
4920
5720
5690
6560
7140
0.99
1.10
1.21
1.21
1.32
1.32
1.45
1.45
1.45
1.58
1.58
1.58
1.74
1.74
1.74
1.92
1.92
1.92
2.12
2.12
2.32
2.32
2.59
2.84
LLS1H222MELZ
LLS1H272MELZ
LLS1H332MELZ
LLS1H332MELA
LLS1H392MELZ
LLS1H392MELA
LLS1H472MELZ
LLS1H472MELA
LLS1H472MELB
LLS1H562MELZ
LLS1H562MELA
LLS1H562MELB
LLS1H682MELZ
LLS1H682MELA
LLS1H682MELB
LLS1H822MELA
LLS1H822MELB
LLS1H822MELC
LLS1H103MELB
LLS1H103MELC
LLS1H123MELB
LLS1H123MELC
LLS1H153MELC
LLS1H183MELC
50V (1H)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
LS
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated ripple current (mArms) at 85°C 120Hz
CAT.8100C


Similar Part No. - LLS1E153MELB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS1E153MELB NICHICON-LLS1E153MELB Datasheet
93Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELB NICHICON-LLS1E153MELB Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
LLS1E153MELB NICHICON-LLS1E153MELB Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELB NICHICON-LLS1E153MELB Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELB NICHICON-LLS1E153MELB Datasheet
71Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS1E153MELB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com