Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1007R4R7MPWRT Datasheet(PDF) 7 Page - Kemet Corporation

Part # L1007R4R7MPWRT
Description  Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007R4R7MPWRT Datasheet(HTML) 7 Page - Kemet Corporation

Back Button L1007R4R7MPWRT Datasheet HTML 3Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 4Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 5Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 6Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 7Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 8Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 9Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 10Page - Kemet Corporation L1007R4R7MPWRT Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
7
1007 Case Size High Current Type (L-PWI Series)
1007 Case Size Low Rdc Type (L-PWR Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L1007C1R0MPWIT
1.0
±20%
100
0.08
775
7.96
2,000
L1007R1R0MPWIT*
1.0
±20%
100
0.065
890
7.96
2,000
L1007C1R5MPWIT
1.5
±20%
80
0.11
660
7.96
2,000
L1007C2R2MPWIT
2.2
±20%
68
0.13
600
7.96
2,000
L1007C3R3MPWIT
3.3
±20%
54
0.16
500
7.96
2,000
L1007C4R7MPWIT
4.7
±20%
41
0.20
430
7.96
2,000
L1007C6R8MPWIT
6.8
±20%
38
0.30
360
7.96
2,000
L1007C100MPWIT
10
±20%
30
0.36
300
2.52
2,000
L1007C150MPWIT
15
±20%
23
0.65
250
2.52
2,000
L1007C220MPWIT
22
±20%
19
0.77
210
2.52
2,000
L1007C330MPWIT
33
±20%
15
1.50
170
2.52
2,000
L1007C470MPWIT
47
±20%
12
1.90
150
2.52
2,000
L1007C680MPWIT
68
±20%
9.5
2.80
120
2.52
2,000
L1007C101MPWIT
100
±20%
9.0
3.70
100
0.796
2,000
L1007C151MPWIT
150
±20%
7.0
6.10
85
0.796
2,000
L1007C221MPWIT
220
±20%
5.5
8.40
70
0.796
2,000
L1007C331MPWIT
330
±20%
4.5
12.30
60
0.796
2,000
L1007C471MPWIT
470
±20%
3.5
22.00
45
0.796
2,000
L1007C681MPWIT
680
±20%
3.0
28.00
35
0.796
2,000
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L1007R1R0MPWRT
1.0
±20%
100
0.045
400
7.96
2,000
L1007R2R2MPWRT
2.2
±20%
68
0.07
280
7.96
2,000
L1007R4R7MPWRT
4.7
±20%
45
0.1
200
7.96
2,000
L1007R100MPWRT
10
±20%
30
0.19
180
2.52
2,000
L1007R220MPWRT
22
±20%
19
0.44
120
2.52
2,000
L1007R470MPWRT
47
±20%
11
0.84
95
2.52
2,000
L1007R101MPWRT
100
±20%
9
1.89
75
0.796
2,000
0805 Case Size Low Rdc Type (L-PWR Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance (
Ω
Ω)
(±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0805R1R0MPWRT
1.0
±20%
100
0.07
200
7.96
3,000
L0805R2R2MPWRT
2.2
±20%
80
0.13
175
7.96
3,000
L0805R4R7MPWRT
4.7
±20%
45
0.24
150
7.96
3,000
L0805R100MPWRT
10
±20%.
32
0.36
125
2.52
3,000
L0805R220MPWRT
22
±20%
16
1.00
100
2.52
3,000
L0805R470MPWRT
47
±20%
11
1.70
75
2.52
3,000
L0805R101MPWRT
100
±20%
8
4.00
50
0.796
3,000
Wire Wound Chip Inductors - L-PWS, L-PWF, L-PWI, L-PWR Series
* Low Rdc Type


Similar Part No. - L1007R4R7MPWRT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1007R4R7MPWRT KEMET-L1007R4R7MPWRT Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
More results

Similar Description - L1007R4R7MPWRT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C100MPWST KEMET-L0805C100MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0603B100KPWFT KEMET-L0603B100KPWFT Datasheet
54Kb / 1P
   KEMET, L-PWF, Power, 10 uH, 10%
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
   PIT 2,5-PE/L/L
logo
Weidmuller
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
   S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com