Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-S3X1C50T Datasheet(PDF) 1 Page - LUMEX INC.

Part # LCD-S3X1C50T
Description  0.50 CHARACTER HEIGHT, 3 12 DIGIT LCD GLASS, TN, REFLECTIVE, 40 PINS.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LCD-S3X1C50T Datasheet(HTML) 1 Page - LUMEX INC.

  LCD-S3X1C50T Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LCD-S3X1C50T

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCD-S3X1C50TF LUMEX-LCD-S3X1C50TF Datasheet
109Kb / 1P
   0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
LCD-S3X1C50TR-B LUMEX-LCD-S3X1C50TR-B Datasheet
58Kb / 1P
   0.50" CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS, TN, REFLECTIVE, 40 PINS
LCD-S3X1C50TRB LUMEX-LCD-S3X1C50TRB Datasheet
58Kb / 1P
   0.50 CHARACTER HEIGHT, 1/2 DIGIT LCD GLASS
More results

Similar Description - LCD-S3X1C50T

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCD-S3X1C50TR-B LUMEX-LCD-S3X1C50TR-B Datasheet
58Kb / 1P
   0.50" CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS, TN, REFLECTIVE, 40 PINS
LCD-S2X1C50TR LUMEX-LCD-S2X1C50TR Datasheet
55Kb / 1P
   0.50" CHARACTER HEIGHT, 2 1/2 DIGIT LCD GLASS, TN, REFLECTIVE, 16 PINS
LCD-S4X1C35TR LUMEX-LCD-S4X1C35TR Datasheet
62Kb / 1P
   0.35" CHARACTER HEIGHT, 4 1/2 DIGIT LCD GLASS, TN, REFLECTIVE, 40 PINS
LCD-S101D22TR LUMEX-LCD-S101D22TR Datasheet
54Kb / 1P
   2.21" CHARACTER HEIGHT, SINGLE DIGIT LCD GLASS, TN, REFLECTIVE, 20 PINS
LCD-S2X1C50TF LUMEX-LCD-S2X1C50TF Datasheet
54Kb / 1P
   0.50 CHARACTER HEIGHT, 2 1/2 DIGIT LCD GLASS, TN, TRANSFLECTIVE, 16 PINS
LCD-S401C71TR LUMEX-LCD-S401C71TR Datasheet
61Kb / 1P
   0.71 CHARACTER HEIGHT, FOUR DIGHT LCO GLASS, TN, REFLECTIVE, 40 PINS
LCD-S801C42TR LUMEX-LCD-S801C42TR Datasheet
110Kb / 1P
   0.42 CHARACTER HEIGHT, 8 DIGIT LCD GLASS, TN, TRANSFLECTIVE, 66 PINS
LCD-S801C42TR-D LUMEX-LCD-S801C42TR-D Datasheet
110Kb / 1P
   0.42 CHARACTER HEIGHT, 8 DIGIT LCD GLASS, TN, TRANSFLECTIVE, 66 PINS
LCD-S101D14TR LUMEX-LCD-S101D14TR Datasheet
92Kb / 1P
   1.36" CHAR HEIGHT, 1 DIGIT LCD GLASS, TN, REFLECTIVE, 20 PINS
LCD-S101D30TR LUMEX-LCD-S101D30TR Datasheet
54Kb / 1P
   2.99" CHARACTER HEIGHT, SINGLE DIGIT LCD GLASS, TN, REFLCTIVE, 50 PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com