Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUCS102405C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SUCS102405C
Description  DC-DC Converters PCB Mount type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SUCS102405C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SUCS102405C Datasheet HTML 1Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 2Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 3Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 4Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 5Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 6Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 7Page - List of Unclassifed Manufacturers SUCS102405C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
*1 SUCW1R5xx12/SUCW1R5xx15 is available as single output, +24V/+30V.
*2 Rated input 5V, 12V, 24V or 48V DC Io=100%
*3 Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output pin terminals.
*4 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
* Parallel operation with other model is not possible.
type C
type B
5-
º0.9
25.22
3.2
3.2
2
Recommended Pad and Hole dia.
(TOP VIEW)
1. SMD(type B)
2. DIP(type C)
Coplanarity within 0.1
Model
Model
Part A
Part A
Closeup of part A
Closeup of part A
¶ Weight : 3g max
¶ Case thickness : 0.2±0.05 [0.008]
¶ Plating treatment of case : Nickel plating
¶ Plating treatment of terminal : Lead free plating
¶ Pin terminal material : Copper alloy
¶ Tolerance ±0.5 [±0.02]
¶ Pin terminal thickness : 0.3±0.1 [0.012]
¶ Dimensions in mm, [ ]=inches
¶ Case material : Brass
¶ Please keep enough creepage
distance with the pattern on PCB
and other components.
Adsorption area
º1.6
Unit : 0.1inch
Dimensions in mm, [ ]=inches
+Vin
-Vin
Component area
Component area
TRM
-Vout
+Vout
+Vin
-Vin
TRM
-Vout
+Vout
0.1min
20.32
22.4
22.4
1
0.1min
3.68 ±0.25
7
23.62 ±0.6
Pin terminal part details
1.8
±0.3
1
[0.004]
[0.004]
[0.99]
[0.08]
[0.04]
[0.06]
[0.13]
[0.13]
[0.004]
[0.88]
[0.88]
[0.93]
[0.07]
[0.04]
[0.04]
[0.28]
[0.14]
[0.8]
SU.SUC/SUT
SU.SUC/SUT-19
SUCS1R5
External view
ISOLATION
SAFETY
INPUT-OUTPUT
INPUT-CASE
OUTPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
W min (20t15C)
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
STORAGE TEMP.,HUMID.AND ALTITUDE
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
OTHERS
22.4
X7.0X13.2mm [0.88X0.28X0.52 inches] (WXHXD)/3gmax
COOLING METHOD
CASE SIZE/WEIGHT
UL60950-1, C-UL, EN60950-1
AGENCY APPROVALS
GENERAL SPECIFICATIONS
-40 to +85
C, 20 - 95%RH (Non condensing)(Required Derating), 3,000m (10,000feet) max
-40 to +100
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
Convection/Forced air


Similar Part No. - SUCS102405C

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SUCS102405 COSEL-SUCS102405 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
More results

Similar Description - SUCS102405C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
   DC-DC Converters PCB Mount type
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
   DC-DC Converters PCB Mount type
June 29, 2011
logo
List of Unclassifed Man...
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com