Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS10712 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS10712
Description  106.5MHz SAW Filter 2.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS10712 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS10712 Datasheet HTML 1Page - SIPAT Co,Ltd LBS10712 Datasheet HTML 2Page - SIPAT Co,Ltd LBS10712 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS10712
Rev. Date
2012-01-10
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
106.5MHz SAW Filter
2.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LBS10712
Number:LBS10712
Number:LBS10712
Number:LBS10712
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
106.4
106.5
106.6
Insertion Loss
dB
-
22.3
26
1.5dB Bandwidth
MHz
2.45
2.53
-
3dB Bandwidth
MHz
2.5
2.65
-
30 dB Bandwidth
MHz
-
3.32
3.35
40dB Bandwidth
MHz
-
3.44
3.6
50dB Bandwidth
MHz
-
3.56
4.2
Passband Variation
dB
-
0.4
1.0
Absolute Delay
usec
-
3.51
4.0
Ultimate Rejection(f0±10MHz)
dB
55
58
-
Material Temperature coefficient
KHz/°C
0.11
Substrate Material
-
ST-QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP3512 (35*12.6*5.2mm3)
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS10712

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
   106.5MHz SAW Filter 2.5MHz Bandwidth
More results

Similar Description - LBS10712

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
   106.5MHz SAW Filter 2.5MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
346Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBS12202 SIPAT-LBS12202 Datasheet
144Kb / 3P
   122.75MHz SAW Filter 2.5MHz Bandwidth
LBS12202 SIPAT-LBS12202 Datasheet
138Kb / 3P
   122.75MHz SAW Filter 2.5MHz Bandwidth
LBS16604 SIPAT-LBS16604 Datasheet
256Kb / 3P
   166.35MHz SAW Filter 2.5MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
287Kb / 3P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16018 SIPAT-LBS16018 Datasheet
148Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
293Kb / 3P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16020 SIPAT-LBS16020 Datasheet
150Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com