Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCT3906LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSCT3906LT1G
Description  General Purpose Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSCT3906LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSCT3906LT1G Datasheet HTML 1Page - ON Semiconductor NSCT3906LT1G Datasheet HTML 2Page - ON Semiconductor NSCT3906LT1G Datasheet HTML 3Page - ON Semiconductor NSCT3906LT1G Datasheet HTML 4Page - ON Semiconductor NSCT3906LT1G Datasheet HTML 5Page - ON Semiconductor NSCT3906LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 0
1
Publication Order Number:
NSCT3906LT1/D
NSCT3906LT1G
General Purpose Transistors
PNP Silicon
Features
These are Pb−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
VCEO
−40
Vdc
Collector −Base Voltage
VCBO
−40
Vdc
Emitter −Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) @ TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) @ TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NSCT3906LT1G
SOT−23
(Pb−Free)
3,000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NSCT3906LT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
COLLECTOR
3
1
BASE
2
EMITTER
SOT−23
CASE 318
STYLE 6
1
2
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
396 M
G
G
396 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM


Similar Part No. - NSCT3906LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSCT2907ALT1G ONSEMI-NSCT2907ALT1G Datasheet
109Kb / 5P
   General Purpose Transistors PNP Silicon
May, 2006 ??Rev. 0
NSCT2907ALT3G ONSEMI-NSCT2907ALT3G Datasheet
109Kb / 5P
   General Purpose Transistors PNP Silicon
May, 2006 ??Rev. 0
NSCT817-25LT1G ONSEMI-NSCT817-25LT1G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
NSCT817-25LT3G ONSEMI-NSCT817-25LT3G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
NSCT817-40LT1G ONSEMI-NSCT817-40LT1G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
More results

Similar Description - NSCT3906LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com