Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2Z-AC110120 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # LY2Z-AC110120
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2Z-AC110120 Datasheet(HTML) 5 Page - Omron Electronics LLC

  LY2Z-AC110120 Datasheet HTML 1Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 2Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 3Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 4Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 5Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 6Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 7Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 8Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
446
General Purpose Relay – LY
Rated voltage
Load type
Conditions
Operating frequency
Electrical life
100 VAC
AC motor
400 W, 100 VAC single-phase with
ON for 10 s, OFF for 50 s
50,000 operations
35-A inrush current, 7-A current flow
AC lamp
300 W, 100 VAC with 51-A
ON for 5 s, OFF for 55 s
100,000 operations
inrush current, 3-A current flow
500 W, 100 VAC with 78-A
25,000 operations
inrush current, 5-A current flow
Capacitor
24 VDC with 50-A inrush current,
ON for 1 s, OFF for 6 s
100,000 operations
(2,000 µF)
1-A current flow
AC solenoid
50 VA with 2.5-A inrush current,
ON for 1 s, OFF for 2 s
1,500,000 operations
0.25-A current flow
100 VA with 5-A inrush current,
800,000 operations
0.5-A current flow
Endurance Under Real Loads (reference only)
LY1
Rated voltage
Load type
Conditions
Operating frequency
Electrical life
100 VAC
AC motor
200 W, 100 VAC single-phase with
ON for 10 s, OFF for 50 s
200,000 operations
25-A inrush current, 5-A current flow
AC lamp
300 W, 100 VAC with 51-A
ON for 5 s, OFF for 55 s
80,000 operations
inrush current, 3-A current flow
Capacitor
24 VDC with 50-A inrush current,
ON for 1 s, OFF for 15 s
10,000 operations
(2,000 µF)
1-A current flow
24 VDC with 20-A inrush current,
150,000 operations
1-A current flow
AC solenoid
50 VA with 2.5-A inrush current,,
ON for 1 s, OFF for 2 s
1,000,000 operations
0.25-A current flow
100 VA with 5-A inrush current,
500,000 operations
0.5-A current flow
LY2
Rated voltage
Load type
Conditions
Operating frequency
Electrical life
100 VAC
AC motor
200 W, 200 VAC triple-phase with
ON for 10 s, OFF for 50 s
500,000 operations
5-A inrush current, 1-A current flow
750 W, 200 VAC triple-phase with
70,000 operations
18-A inrush current, 3.5 A current flow
AC lamp
300 W, 100 VAC with 51-A
ON for 5 s, OFF for 55 s
50,000 operations
inrush current, 3-A current flow
Capacitor
24 VDC with 50-A inrush current,
ON for 1 s, OFF for 15 s
5,000 operations
(2,000 µF)
1-A current flow
24 VDC with 20-A inrush current,
ON for 1 s, OFF for 2 s
200,000 operations
1-A current flow
AC solenoid
50 VA with 2.5-A inrush current,
ON for 1 s, OFF for 2 s
1,000,000 operations
0.25-A current flow
100 VA with 5-A inrush current,
500,000 operations
0.5-A current flow
LY4
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 446


Similar Part No. - LY2Z-AC110120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2Z-0 OMRON-LY2Z-0 Datasheet
438Kb / 15P
   General Purpose Relay
LY2Z-0 OMRON-LY2Z-0 Datasheet
719Kb / 16P
   General Purpose Relay
LY2Z-0 OMRON-LY2Z-0 Datasheet
679Kb / 16P
   General Purpose Relay
LY2Z-CR OMRON-LY2Z-CR Datasheet
438Kb / 15P
   General Purpose Relay
LY2Z-CR OMRON-LY2Z-CR Datasheet
719Kb / 16P
   General Purpose Relay
More results

Similar Description - LY2Z-AC110120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com