Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2Z-AC110120 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # LY2Z-AC110120
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2Z-AC110120 Datasheet(HTML) 1 Page - Omron Electronics LLC

  LY2Z-AC110120 Datasheet HTML 1Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 2Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 3Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 4Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 5Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 6Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 7Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 8Page - Omron Electronics LLC LY2Z-AC110120 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
442
General Purpose Relay – LY
A Miniature Power Relay
Equipped with arc barrier.
Dielectric strength: 2,000 V.
Built-in diode models added to the LY Series.
Single-pole and double-pole models are
applicable to operating coils with ratings of
100/110 VAC, 110/120 VAC, 200/220 VAC,
220/240 VAC, or 100/110 VDC).
Three-pole and four-pole models are
applicable to operating coils with ratings of
100/110 VAC, 200/220 VAC, or 100/110 VDC).
R
C+
VD E
LR
Ordering Information
Rated coil voltage
Note: 1. When ordering, add the rated coil voltage to the model number. Rated coil voltages are given in the coil ratings table.
Example: LY2, 6 VAC
2. Relays with #187 quick connect terminals are also available with SPDT and DPDT contact. Ask your OMRON
representative for details.
3. SEV models are standard Relays excluding DPDT (bifurcated) models.
4. VDE- or LR- qualifying Relays must be specified when ordering.
Open Relays
Type
Contact form
Plug-in/solder
Plug-in/solder
PCB terminals
Upper-mounting
terminals
terminals with
plug-in/solder
LED indicator
terminals
Standard
SPDT
LY1
LY1N
LY1-0
LY1F
DPDT
LY2
LY2N
LY2-0
LY2F
DPDT (bifurcated)
LY2Z
LY2ZN
LY2Z-0
LY2ZF
3PDT
LY3
LY3N
LY3-0
LY3F
4PDT
LY4
LY4N
LY4-0
LY4F
SPDT
LY1-D
LY1N-D2
DPDT
LY2-D
LY2N-D2
DPDT (bifurcated)
LY2Z-D
LY2ZN-D2
3PDT
LY3-D
4PDT
LY4-D
LY4N-D2
SPDT
––––
DPDT
LY2-CR
LY2N-CR
DPDT (bifurcated)
LY2Z-CR
LY2ZN-CR
With built-in CR
(AC only)
With built-in diode
(DC only)
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 442


Similar Part No. - LY2Z-AC110120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2Z-0 OMRON-LY2Z-0 Datasheet
438Kb / 15P
   General Purpose Relay
LY2Z-0 OMRON-LY2Z-0 Datasheet
719Kb / 16P
   General Purpose Relay
LY2Z-0 OMRON-LY2Z-0 Datasheet
679Kb / 16P
   General Purpose Relay
LY2Z-CR OMRON-LY2Z-CR Datasheet
438Kb / 15P
   General Purpose Relay
LY2Z-CR OMRON-LY2Z-CR Datasheet
719Kb / 16P
   General Purpose Relay
More results

Similar Description - LY2Z-AC110120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com