Electronic Components Datasheet Search |
|
LY4-AC120 Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
LY4-AC120 Datasheet(HTML) 4 Page - Omron Electronics LLC |
4 / 15 page 445 General Purpose Relay – LY ■ Characteristics Item All except Relays with bifurcated contacts Relays with bifurcated contacts Contact resistance 50 mΩ max. Operate time 25 ms max. Release time 25 ms max. Max. operating frequency Mechanical: 18,000 operations/hr Electrical: 1,800 operations/hr (under rated load) Insulation resistance 100 MΩ min. (at 500 VDC) Dielectric strength 1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity 2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity Vibration resistance Destruction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude) Malfunction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude) Shock resistance Destruction: 1,000 m/s2 Malfunction: 200 m/s2 Endurance Mechanical: AC: 50,000,000 operations min. (at 18,000 operations/hr) DC: 1,00,000,000 operations min. (at 18,000 operations/hr) Electrical: Single-, three-, and four-pole: 200,000 operations min. (at 1,800 operations/hr under rated load) Double-pole: 500,000 operations min. (at 1,800 operations/hr under rated load) Ambient temperature* Operating: Single- and double-pole standard, bifurcated-contact Relays: –25°C to 55°C (with no icing) (–25°C to 70°C if carry current is 4 A or less) All other Relays: –25°C to 40°C (with no icing) (–25°C to 55°C if carry current is 4 A or less) Ambient humidity Operating: 5% to 85% Weight Single- and double-pole: approx. 40 g, three-pole: approx. 50 g, four-pole: approx. 70 g Note: 1. The values given above are initial values 2. The upper limit of 40°C for some Relays is because of the relationship between diode junction temperature and the element used. ■ Contact Rating Relay Single Contact Bifurcated contacts 1-pole 2-, 3- or 4-pole 2-pole Load Resistive load Inductive load Resistive load Inductive load Resistive load Inductive load (cosϕ = 1) (cosϕ = 0.4, (cosϕ = 1) (cosϕ = 0.4, (cosϕ = 1) (cosϕ = 0.4, L/R = 7 ms) L/R = 7 ms) L/R = 7 ms) Rated Load 110 VAC 15 A 110 VAC 10 A 110 VAC 10 A 110 VAC 7.5 A 110 VAC 5A 110 VAC 4 A 24 VDC 15 A 24 VDC 7 A 24 VDC 10 A 24 VDC 5 A 24 VDC 5 A 24 VDC 4A Rated Carry 15 A 10 A 7 A Current Max. switching 250 VAC 250 VAC 250 VAC voltage 125 VDC 125 VDC 125 VDC Max. switching 15 A 10 A 7 A current Max. switching 1,700 VA 1,100 VA 1,100 VA 825 VA 550 VA 440 VA power 360 W 170 W 240 W 120 W 120 W 100 W Failure rate 100 mA, 5 VDC 100 mA, 5 VDC 100 mA, 5 VDC (reference value)* *Note: P level: λ60 = 0.1 x 10 -6/operation Omron A5 Catalogue 2007 419-518 11/9/06 11:03 am Page 445 |
Similar Part No. - LY4-AC120 |
|
Similar Description - LY4-AC120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |