Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2-0-DC101100 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # LY2-0-DC101100
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2-0-DC101100 Datasheet(HTML) 2 Page - Omron Electronics LLC

  LY2-0-DC101100 Datasheet HTML 1Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 2Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 3Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 4Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 5Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 6Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 7Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 8Page - Omron Electronics LLC LY2-0-DC101100 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
443
General Purpose Relay – LY
Accessories (Order Separately)
Sockets
Poles
Front-connecting Socket
Back-connecting Socket
DIN track/screw terminals
Plug-in/solder terminals
Wrapping terminals
PCB terminals
1 or 2
PTF08A-E, PTF08A
PT08
PT08QN
PT08-0
3
PTF11A
PT11
PT11QN
PT11-0
4
PTF14A-E, PTF14A
PT14
PT14QN
PT14-0
Note: 1. For PTF08-E and PTF14A-E, see “Track Mounted Socket.”
2. PTFA (-E) Sockets have met UL and CSA standards: UL 508/CSA C22.2.
Mounting Plates for Sockets
Socket model
For 1 Socket
For 10 Sockets
For 12 Sockets
For 18 Sockets
PT08
PYP-1
PYP-18
PT08QN
PT11
PTP-1-3
PTP-12
PT11QN
PT14
PTP-1
PTP-10
PT14QN
Socket-Hold-down Clip Pairings
Relay type
Poles
Front-connecting Sockets
Back-connecting Sockets
Socket model
Clip model
Socket model
Clip model
1, 2
PTF08A-E, PTF08A
PYC-A1
PT08(QN), PT08-0
PYC-P
3
PTF11A
PT11(QN), PT11-0
4
PTF14A-E, PTF14A
PT14(QN), PT14-0
CR Circuit
2
PTF08A-E, PTF08A
Y92H-3
PT08(QN), PT08-0
PYC-1
Standard, bifurcated
contacts operation
indicator, built-in diode
Coil Rating
Single- and Double-pole Relays
Rated voltage
Rated current
Coil
Coil Induction
Must
Must
Max.
Power
Resistance
(reference value)
operate
release
voltage
consumption
voltage
voltage
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
214.1 mA
183 mA
12.2 Ω
0.04 H
0.08 H
80% max.
30% min.
110%
12 V
106.5 mA
91 mA
46 Ω
0.17 H
0.33 H
24 V
53.8 mA
46 mA
180Ω
0.69 H
1.30 H
50 V
25.7 mA
22 mA
788ΩW
3.22 H
5.66 H
100/110 V
11.7/12.9 mA 10/11 mA
3,750 Ω
14.54 H
24.6 H
110/120 V
9.9/10.8 mA 8.4/9.2 mA 4,430 Ω
19.20 H
32.1 H
200/220 V
6.2/6.8 mA 5.3/5.8 mA 12,950 Ω
54.75 H
94.07 H
220/240 V
4.8/5.3 mA 4.2/4.6 mA 18,790 Ω
83.50 H
136.40 H
DC
6 V
150 mA
40 Ω
0.16 H
0.33 H
10% min.
0.9 W
12 V
75 mA
160 Ω
0.73 H
1.37 H
24 V
36.9 mA
650 Ω
3.20 H
5.72 H
48 V
18.5 mA
2,600 Ω
10.6 H
21.0 H
100/110 V
9.1/10 mA
11,000 Ω
45.6 H
86.2 H
Note: See notes on the bottom of next page.
1.0 to
1.2 VA
(60 Hz)
0.9 to 1 VA
(60 Hz)
Specifications
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 443


Similar Part No. - LY2-0-DC101100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2-0-DC24 OMRON-LY2-0-DC24 Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY2-0-DC101100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com