Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHCA-40143U Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # RHCA-40143U
Description  SURGE PROTECTIVE DEVICES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RHCA-40143U Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  RHCA-40143U Datasheet HTML 1Page - Okaya Electric America, Inc. RHCA-40143U Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
118
● Impulse Absorption Characteristics
UL
:UL497B
E139599
Safety Standard
File No.
● Dimensions
Unit: mm
Impulse waveform 10/700μs-4,000V,
IEC61000-4-5
RHCA-201Q43U
Combination wave
1.2/50μs-8/20μs, 4,000V
IEC61000-4-5
*1
: Tolerance ±20%=P, Tolerance ±30%=Q
*2 Conforms to ITU-T K.21 Enhanced test
Peak:4,000V
10μs/div
10μs/div
Breakdown
voltage 400V
1μs/div
Breakdown voltage 500V
Impulse waveform 1.2/50μs
4,000V
ANT
● Example
Electrical Specifications
RHCA-900 43U
RHCA-201 43U
RHCA-301 43U
RHCA-351 43U
RHCA-401 43U
RHCA-401R43U*²
RHCA-501 43U
RHCA-601 43U
Safety
Standard
DC Sparkover
Voltage (V)
90
200
300
350
500
600
400
1,000MΩ min.(DC50V)
1,000MΩ min.(DC100V)
Model Number*¹
10/700μs 4,000V
(R=25Ω)
Positive/Negative
5 times
(Conforms to ITU-T)
Insulation
Resistance
Impulse
Life Test
Capacitance
1MHz
Impulse
Withstand
Voltage Capacity
8/20μs, 2,000A
Positive/Negative
5 times
8/20μs
100A
300 times
0.6pF max.
Impulse Discharge
Current
CATV cable,
Modem tuner
Features
RHCA4532 SERIES
SURGE PROTECTIVE DEVICES
● Chip surge absorber for protection from indirect
lighting surge, adaptable for high density surface
mount technology
● Usable for reflow / flow soldering
● Compliance with IEC61000-4-5, ITU-T
1. Impulse current capacity 2,000A 8/20μs
2. 10/700μs-4,000V
● Good impulse absorbency
● Small electrostatic capacity(Maximum 0.6pF)
● Embossed taping
RHCA4532 series is chip surge absorber for
protection from indirect lighting surge, smaller and
thinner than ceramic tube lead type, adaptable to
high density surface mount technology. Impulse
current capacity is 2,000A 8/20μs.
4.5±0.3
(0.4)
(0.4)
3.2±0.3


Similar Part No. - RHCA-40143U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RHCA-40131U OKAYA-RHCA-40131U Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA-401Q31U OKAYA-RHCA-401Q31U Datasheet
361Kb / 2P
   SURGE ABSORBER
RHCA-401Q43U OKAYA-RHCA-401Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
RHCA-401R43U OKAYA-RHCA-401R43U Datasheet
514Kb / 2P
   SURGE ABSORBER
More results

Similar Description - RHCA-40143U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com