Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHCA-50131U Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # RHCA-50131U
Description  SURGE PROTECTIVE DEVICES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RHCA-50131U Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  RHCA-50131U Datasheet HTML 1Page - Okaya Electric America, Inc. RHCA-50131U Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
116
10μs/div
10μs/div
10ns/div
Breakdown
voltage 600V
Voltage: 8,000V
Voltage: 8,000V
←1,
1,200V
00V
Voltage: 30,000V
Voltage: 30,000V
←1,
←1,500V
00V
ANT
Modem tuner, STB
CATV cable
● Impulse Absorption Characteristics
UL
:UL497B
E139599
Safety Standard
File No.
● Dimensions
Unit: mm
Impulse waveform 10/700μs-4,000V,
IEC61000-4-5
RHCA-201Q43U
IEC61000-4-2 150pF-330Ω-XkV
RHCA-201Q31B/U
ESD impulse waveform
Peak:4,000V
● Example
Electrical Specifications
RHCA-900 31U
RHCA-201 31U
RHCA-301 31U
RHCA-401 31U
RHCA-501 31U
Safety
Standard
DC Sparkover
Voltage (V)
90
200
300
400
500
100MΩ min.(DC50V)
100MΩ min.(DC100V)
Model Number *
10/700μs, 4,000V
(R=25Ω)
Positive/Negative
5 times
(Conforms to ITU-T)
Insulation
Resistance
Impulse
Discharge
Current
Electrostatic
Capacitance
1MHz
Impulse
Withstand
Voltage Capacity
8/20μs, 50A
300 times
8/20μs, 500A
Positive/Negative
5 times
0.3pF max.
Impulse
Life Test
*
: Tolerance ±20%=P, Tolerance ±30%=Q
Features
● Chip surge absorber for protection from static
electricity/indirect lighting surge, adaptable to
high density surface mount technology
● Usable for reflow / flow soldering
● Compliance with IEC61000-4-5
1. Surge current capacity 8/20μs-500A ±5times
2. 10/700μs 4,000V (R=25Ω) ±5times
● Good impulse absorbency
● Electrostatic capacity (Maximum 0.3pF)
● Embossed taping
● RoHS Directive-compliant components
RHCA3216 series is chip surge absorber for
protection from static electricity/indirect lighting
surge, smaller and thinner than ceramic tube lead
type, adaptable for high density surface mount
technology. Impulse current capacity is 2,000A
8/20μs.
RHCA3216 SERIES
SURGE PROTECTIVE DEVICES
3.2±0.2
(0.3)
(0.3)
1.6±0.3


Similar Part No. - RHCA-50131U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RHCA-50143U OKAYA-RHCA-50143U Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA-501Q31U OKAYA-RHCA-501Q31U Datasheet
361Kb / 2P
   SURGE ABSORBER
RHCA-501Q43U OKAYA-RHCA-501Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
More results

Similar Description - RHCA-50131U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com