Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK6XX7KV Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK6XX7KV
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX7KV Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK6XX7KV Datasheet HTML 1Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 2Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 3Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 4Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 5Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Rev. C 03/14
2
LinkSwitch-HP
www.powerint.com
www.powerint.com
Figure 3.
Block Diagram.
Table 2.
Device Part Numbers and Options.
Notes:
1. Minimum breakdown voltage at T
J = +25 °C.
2. T
MCM(OFF) = 0.5 ms for fastest transient response, TMCM(OFF) = 4 ms for <30 mW no-load input power.
PI-6565-072012
CLOCK
OSCILLATOR
LINE
COMPENSATION
LINE OVERVOLTAGE/
UNDERVOLTAGE
DETECTION
5.75 V
4.9 V
40% ~ 100%
HIGH GAIN
TRANS-
CONDUCTANCE
AMPLIFIER
ERROR
VOLTAGE
MULTI-CYCLE
MODE CONTROL
OUTPUT
OVERVOLTAGE
AUTO-RESTART
LATCH/HYSTERETIC
2 V
REFERENCE
VOLTAGE
GATE
DRIVER
CURRENT LIMIT
COMPARATOR
SOURCE
(S)
S
R
Q
DCMAX
OSC
BYPASS
(BP)
LEB
+
-
DRAIN
(D)
COMPENSATION
(CP)
Q
FEEDBACK
(FB)
5.75 V
REGULATOR
FAULT FILTER
PROGRAM/
DELAY
(PD)
+
PROGRAM
ILIM
CURRENT
LIMIT
SETTING
THERMAL
SHUTDOWN
BYPASS
PROGRAM
LUV
LOV
S/H
OV
AUTO-
RESTART
+
LINE
COMP
AMP
MCM
SOFT-
START
CUSTOM
SHUTDOWN
DELAY
LNK
6
X
X
X
E/V/K
Part Number
Series
T
MCM(OFF)
2
6 = 0.5 ms
7 = 4.0 ms
BV
DSS
1
6 = 650 V
7 = 725 V
Power
Packages
LNK6663E/V/K
6
0.5 ms
650 V
Device
Size
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6664E/V/K
0.5 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6665E/V/K
0.5 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6666E/V/K
0.5 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6667E/V/K
0.5 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6763E/V/K
4.0 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6764E/V/K
4.0 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6765E/V/K
4.0 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6766E/V/K
4.0 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6767E/V/K
4.0 ms
650 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6773E/V/K
4.0 ms
725 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6774E/V/K
4.0 ms
725 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6775E/V/K
4.0 ms
725 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6776E/V/K
4.0 ms
725 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)
LNK6777E/V/K
4.0 ms
725 V
eSIP-7C (E), eDIP-12B (V), eSOP-12B (K)


Similar Part No. - LNK6XX7KV

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX7K POWERINT-LNK6XX7K Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX7KV

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com