Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK6XX7KV Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK6XX7KV
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX7KV Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK6XX7KV Datasheet HTML 1Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 2Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 3Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 4Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 5Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX7KV Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.powerint.com
March 2014
LinkSwitch-HP Family
Energy Efficient, High-Power Off-Line Switcher
With Accurate Primary-Side Regulation (PSR)
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
EcoSmart- Energy Efficient
Multi-mode control maximizes efficiency over full load range
No-load consumption below 30 mW at 230 VAC (LNK67xx)
>75% efficiency with 1 W input at 230 VAC
>50% efficiency with 0.1 W input at 230 VAC
High Design Flexibility for Low System Cost
Dramatically simplifies power supply designs
Eliminates optocoupler and all secondary control circuitry
±5% or better output voltage tolerance
132 kHz operation reduces transformer and power supply size
Accurate programmable current limit
Compensation over line limits overload power
Frequency jittering reduces EMI filter cost
Fully integrated soft-start for minimum start-up stress
725 V MOSFET simplifies meeting derating requirements
(LNK677x)
650 V MOSFET for lowest system cost (LNK676x/LNK666x)
Fast transient response family option (LNK666x)
Extensive Protection Features
Auto-restart limits power delivery to 3% during overload faults
Output short-circuit protection (SCP)
Output overload/over-current protection (OPP, OCP)
Optional extended shutdown delay time
Output overvoltage protection (OVP), auto-restart or latching
Line brown-in/out protection (line UV)
Line overvoltage (OV) shutdown extends line surge withstand
Accurate thermal shutdown (OTP), hysteretic or latching
Advanced Green Package Options
eSIP-7C package:
Vertical orientation for minimum PCB footprint
Simple heat sink mounting using clip or adhesive pad
eSOP-12B package:
Low profile surface mounted for ultra-slim designs
Heat transfer to PCB via exposed pad and SOURCE pins
Supports either wave or IR reflow soldering
eDIP-12B package:
Low profile through-hole mounted for ultra-slim designs
Heat transfer to PCB via exposed pad or optional metal heat sink
Extended creepage to DRAIN pin
Heat sink is connected to SOURCE for low EMI
Halogen free and RoHS compliant
Typical Applications
LCD Monitor and TV
Adapter
Appliances
Embedded power supplies (DVD, set-top box)
Industrial
Figure 1.
Typical Application Schematic.
CONTROL
Figure 2.
Package Options.
Exposed
Pad
eSOP-12B (K Package)
eDIP-12B (V Package)
eSIP-7C (E Package)
Output Power Table
Product4
Heat Sink
230 VAC ±15%
85-265 VAC
Adapter
Open
Frame
Adapter
Open
Frame
LNK6xx3K/V PCB-W1
15 W
25 W
9 W
15 W
LNK6xx3K
PCB-R2
21 W
35 W
12 W
21 W
LNK6xx3E
Metal
21 W
35 W
13 W
27 W
LNK6xx4K/V PCB-W1
16 W
28 W
11 W
20 W
LNK6xx4K
PCB-R2
22 W
39 W
15 W
28 W
LNK6xx4E
Metal
30 W
47 W
20 W
36 W
LNK6xx5K/V PCB-W1
19 W
30 W
13 W
22 W
LNK6xx5K
PCB-R2
26 W
42 W
18 W
31 W
LNK6xx5E
Metal
40 W
593 W
26 W
45 W
LNK6xx6K/V PCB-W1
21 W
34 W
15 W
26 W
LNK6xx6K
PCB-R2
30 W
48 W
22 W
37 W
LNK6xx6E
Metal
60 W
883 W
40 W
683 W
LNK6xx7K/V PCB-W1
25 W
41 W
19 W
30 W
LNK6xx7K
PCB-R2
36 W
59 W
27 W
43 W
LNK6xx7E
Metal
853 W
1173 W
55 W
903 W
Table 1. Output Power Table.
Notes:
1. PCB heat sink with wave soldering.
2. PCB heat sink with IR reflow soldering (exposed pad thermally connected to PCB).
3. Maximum power specified based on proper thermal dissipation.
4. Packages: E: eSIP-7C, K: eSOP-12B, V: eDIP-12B. See Table 2 for all device options.
Exposed
Pad


Similar Part No. - LNK6XX7KV

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX7K POWERINT-LNK6XX7K Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX7KV

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com