Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK6XX5E Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK6XX5E
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX5E Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK6XX5E Datasheet HTML 1Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 2Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 3Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 4Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 5Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Rev. C 03/14
5
www.powerint.com
LinkSwitch-HP
Remote On/Off and Fast AC Reset
The PROGRAM pin can be used to turn on/off the device
remotely. If the voltage on the pin is set to 1.35 V externally, the
device stops switching. After releasing the PROGRAM pin the
PROGRAM pin device commences switching when the voltage
drops below 0.535 V.
The PROGRAM pin can also be used to reset the device latch
after a latching OVP or OTP event. If the voltage on the pin is
set to 3.4 V externally, the device latch is reset. Once the
voltage drops below 0.535 V, device will start switching.
High-Voltage Bus Sensing
LinkSwitch-HP senses indirectly the HV voltage bus V
BUS during
the power MOSFET on-time by monitoring the current flowing
out of the FEEDBACK pin. During the MOSFET on-time the
voltage across the auxiliary winding is proportional to the voltage
across the input winding. The current flowing through resistor
R
FB1 (see Figure 8) is therefore representing VBUS. Indirect line
sensing minimizes power dissipation and is used for line UV or
line OV protection and current limit compensation over line.
At power-up the current out of the FEEDBACK pin has to
exceed the line undervoltage turn-on threshold (brown-in)
current I
FB(UVREF) = -250 mA (typ.) before switching is enabled.
During normal operation switching is disabled if the FEEDBACK
pin current falls below the line undervoltage turn-off threshold
(brown-out) current I
FB(UVOFF) = -100 mA (typ.) for at least 8
consecutive switching cycles. After switching has ended, the
device enters auto-restart. The applicable auto-restart off-
period t
AR(OFF) 1 = 150 ms (typ.).
Switching is also stopped if the FEEDBACK pin current exceeds
the line overvoltage threshold current I
FB(OV) = -1.15 mA (typ.) for
at least 2 consecutive switching cycles.
Current Limit Compensation Over Line
The high-voltage bus is sensed by means of measuring the
current out of the FEEDBACK pin during the MOSFET on-time.
To limit available overload power over line the set current limit is
compensated as shown in Figure 7. The compensation is
disabled at peak currents below 50% of the set current limit,
and is re-enabled at 62.5% of the set current limit.
Soft-Start
A digital soft-start is implemented to reduce component stress
at power supply start-up. The internal reference voltage will ramp
up to 2 V during t
SOFT (typ. 15 ms) at start-up. The loop will
typically close (output reaches regulation) during this time to
ensure smooth output voltage rise.
Fault Filter
This is the digital filter to handle all the fault conditions including
line overvoltage, line undervoltage, output overvoltage, and
output undervoltage, thermal shutdown as well as package
level fault (pin open-circuit or pin to pin short-circuit).
Transconductance Amplifier
The controller uses a high gain (typ. 70 dB) transconductance
amplifier to ensure exceptional output regulation.
Figure 7.
Current Limit Compensation Over Line.
Figure 8.
Indirect High-Voltage Bus Sensing.
Figure 6.
Optional Shutdown Time Extension Programming.
0
50
100
150
200
250
300
350
400
450
500
110
100
PROGRAM Pin Capacitor Value (nF)
124 k
PROGRAM Pin Resistor Value
78.7 k
52.3 k
34.8 k
23.2 k
10.0 k
15.0 k
VO
VAUX
RFB1
U1
VFB
VBUS
VSEC
RFB2
NA
T1
NS
D
CO
NP
PI-6837-120312
D
S
FB
BP
CP
PD
CONTROL
-150
-300
-450
-600
-750
-1050 -1200
-900
FEEDBACK Pin Current During MOSFET On-Time
110
100
90
80
70


Similar Part No. - LNK6XX5E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX5E POWERINT-LNK6XX5E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX5E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com