Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK6XX4E Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK6XX4E
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX4E Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK6XX4E Datasheet HTML 1Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 2Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 3Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 4Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 5Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX4E Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Rev. C 03/14
4
LinkSwitch-HP
www.powerint.com
www.powerint.com
Auto-Restart
In the event of an open-loop fault (no connection between the
feedback winding and the feedback divider network or the
FEEDBACK pin to the feedback network), the sensed current
out of FEEDBACK pin will be zero during MOSFET on-time, the
device enters into line brown-out protection (line UV). In the
event of output short-circuit or overload condition, the device
enters into auto-restart mode. Auto-restart minimizes the
power dissipation under fault conditions, the device will turn on
and off at duty cycle of typically 3% as long as the fault condition
persists. In auto-restart switching is disabled for t
AR(OFF)1
(typ. 150 ms) when the FEEDBACK pin voltage has dropped
below the auto-restart threshold V
FB(AR) for the shutdown default
delay time t
AR(ON) (typ. 35 ms). After this period switching is
enabled again with the device entering soft-start (typ. 15 ms).
For the first auto-restart off-period switching is disabled for a
reduced time t
AR(OFF)2 (typ. 1500 ms) to reduce the power supply
restart time during line cycling. Optionally the default shutdown
delay time can be extended by adding a capacitor to the
PROGRAM pin.
Hysteretic Thermal Shutdown
The thermal shutdown circuitry senses the controller die
temperature. The threshold is set at 142
°C with a 75 °C
hysteresis (both typical). Once the device temperature rises
above 142
°C, the power MOSFET is disabled and remains
disabled until the die temperature falls by 75
°C, at which point
the device is re-enabled. The large hysteresis maintain the
average temperature below the temperature rating of low cost
CEM type PCB material in most cases.
Safe Operating Area (SOA) Protection
The device features a safe operating area (SOA) protection
mode which disables MOSFET switching for 4 consecutive
cycles in the event the peak switching current reaches the
current limit in less than time t
ON(SOA). This prevents excessive
drain currents during start-up and output short-circuit conditions
by providing additional time for the primary inductance to reset.
The SOA protection is disabled when the output voltage is
within 7.5% of regulation voltage.
Sample and Hold (S/H)
The sample and hold block senses the output voltage at auxiliary
winding during secondary rectifier on-time. The FEEDBACK pin
voltage is sampled after the turn-off of the internal switch to
compensate for diode conduction time differences. Sampling
time increases monotonically from 1.2
ms at no or light load to
2.5
ms at full load. Sampled voltage is held until the next clock
cycle. The output of S/H is fed to the error amplifier, once in
regulation the sampled voltage is 2 V.
BYPASS (BP) Programming
This feature selects either hysteretic or latching OVP/OCP and
OTP protection based on capacitor loading on the BYPASS pin.
The shutdown type is determined at the device power-up as
shown in Table 3.
Current Limit Setting
During power-up the cycle-by-cycle current limit is determined
by measuring the resistor value connected to the PROGRAM
pin by the measurement is performed by applying 1.25 V (see
Figure 10). The current limit can be set between 40% to 100%
in steps of 10% as shown in Table 4. After the current limit is
set the PROGRAM pin voltage is reduced to ~0 in order to
minimize power dissipation.
Programmable Shutdown Delay
The default auto-restart shutdown delay time t
SD(AR) (typ. 35 ms)
can optionally be extended by connecting a capacitor to the
PROGRAM pin. Once a lost regulation fault is detected the
PROGRAM pin voltage is cycled 128 times between V
PD(DL) (typ.
0.5 V) and V
PD(DU) (typ. 1.2 V) as shown in Figure 10. Figure 6
depicts the relationship between extended shutdown delay
time, added PROGRAM pin capacitor and current limit
programming resistor.
Figure 5.
Compensation Pin Characteristics (Multi-Mode Operation).
fSW(LF)
VC(MAX)
VC(MIN) VC(MCM)
32
132
100%
50%
25%
PI-6722-111212
Compensation
Voltage (
∝ POUT)
Compensation
Voltage (
∝ POUT)
I
PD
R
PD
I
LIMIT(NORM)
I
PD
R
PD
I
LIMIT(NORM)
mA
k
W
%
mA
k
W
%
10
124
100
54
23.2
60
16
78.7
90
83
15.0
50
24
52.3
80
125
10.0
40
36
34.8
70
Table 4.
Current Limit Selection vs. Program Pin Resistor Value.
C
BP
0.47
mF
4.7
mF
47
mF
OVP
Latching
Auto-Restart
Latching
Lost Regulation
(SC, OC)
Auto-Restart Auto-Restart
Latching
OTP
Latching
Hysteretic
Latching
Table 3.
Shutdown Type vs. Value of BYPASS Pin Capacitance.


Similar Part No. - LNK6XX4E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX4E POWERINT-LNK6XX4E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX4E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com