Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSG-21S3AA1 Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # JSG-21S3AA1
Description  Fibre Channel Small Form Factor PTH Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSG-21S3AA1 Datasheet(HTML) 8 Page - JDS Uniphase Corporation

Back Button JSG-21S3AA1 Datasheet HTML 4Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 5Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 6Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 7Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 8Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 9Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 10Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 11Page - JDS Uniphase Corporation JSG-21S3AA1 Datasheet HTML 12Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
JSF-21S0AA1
JSG-21S1AA1
JSF-21S2AA1
JSG-21S3AA1
SW 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Page 8 of 22
03/06/02
Transmit Signal Interface (from host to SFF-PTH-SW-2X5/2X6)
Symbol
Parameter
Min
Max.
Unit
Notes
Vo
PECL Amplitude
400
2000
mV
1
DJelec-xmit
PECL Deterministic Jitter
0.14
UI
2,4
TJelec-xmt
PECL Total Jitter
0.26
UI
2,4
PECL Rise/Fall
50
200
ps
3,4
PECL Differential Skew
20
ps
4
1. At 100
Ω, differential peak-to-peak, the figure below shows the simplified circuit schematic for the SFF-PTH-SW-2X5/2X6 high-
speed differential input lines. The PECL input data lines have AC coupling capacitors. The capacitors are not required on the host
card.
2. Deterministic jitter (DJ) and total jitter (TJ) values are measured according to the methods defined in [2]. Jitter values at the output
of a transmitter or receiver section assume worst case jitter values at its respective input. [1UI(Unit Interval)=470.6ps at 2.125Gb/s]
3. Rise and fall times are measured from 20 - 80%, 100
Ω differential.
4. When in 1Gb/s mode the transceiver is compliant with 1G specifications as defined in [1].
Receive Signal Interface (from SFF-PTH-SW-2X5/2X6 to host)
Symbol
Parameter
Min
Max.
Unit
Note(s)
Vo
PECL Amplitude
600
1000
mV
1
DJelec-rcv
PECL Deterministic Jitter
0.39
UI
2,3
TJelec-rcv
PECL Total Jitter
0.64
UI
2,3
1. At 100
Ω, differential peak-to-peak, the figure below shows the simplified circuit schematic for the SFF-PTH-SW-2X5/2X6 high-
speed differential output lines. The PECL input data lines have AC coupling capacitors. The capacitors are not required on the host
card.
2. Deterministic jitter (DJ) and total jitter (TJ) values are measured according to the methods defined in [2]. Jitter values at the output
of a transmitter or receiver section assume worst case jitter values at its respective input. [1UI(Unit Interval)=470.6ps at 2.125Gb/s]
3. When in 1Gb/s mode the transceiver is compliant with 1G specifications as defined in [1]. 1UI(Unit Interval)=941.2ps at
1.0625Gb/s)
VDD
50
50
2.4k
3.8k
8pF
+Tx_DAT
-Tx_DAT
Rx_VDD
50
Rx_Gnd
50
...
+Rx_DAT
-Rx_DAT


Similar Part No. - JSG-21S3AA1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JSG CIT-JSG Datasheet
131Kb / 1P
   CIT SWITCH
logo
STANLEY ELECTRIC CO.,LT...
JSG1117ASE-TR STANLEY-JSG1117ASE-TR Datasheet
715Kb / 24P
   Thinner package, Green color emitting LED
logo
CIT Relay & Switch
JSGA CIT-JSGA Datasheet
131Kb / 1P
   CIT SWITCH
JSGB CIT-JSGB Datasheet
131Kb / 1P
   CIT SWITCH
JSGC CIT-JSGC Datasheet
131Kb / 1P
   CIT SWITCH
More results

Similar Description - JSG-21S3AA1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com