Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCX52-10-115 Datasheet(PDF) 19 Page - NXP Semiconductors

Part No. BCX52-10-115
Description  PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BCX52-10-115 Datasheet(HTML) 19 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
BCP52_BCX52_BC52PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 October 2011
19 of 22
NXP Semiconductors
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BCP52_BCX52_BC52PA v.9
20111018
Product data sheet
-
BCP52_BCX52 v.8
Modifications:
Added Type numbers: BC52PA, BC52-10PA and BC52-16PA
• Section 1 “Product profile”: updated
• Table 6 and 7: updated according to latest measurements
• Figure 1 to 9, 15, 17, 18 and 21: updated
• Figure 10 to 14: added
• Section 8 “Test information”: added
• Section 11 “Soldering”: added
• Section 13 “Legal information”: updated
BCP52_BCX52 v.8
20080225
Product data sheet
-
BC638_BCP52_BCX52 v.7
BC638_BCP52_BCX52 v.7
20070626
Product data sheet
-
BC638_BCP52_BCX52 v.6
BC638_BCP52_BCX52 v.6
20060329
Product data sheet
-
BC636_638_640 v.5
BCP51_52_53 v.5
BCX51_52_53 v.4
BC636_638_640 v.5
20041011
Product specification
-
BC636_638_640 v.4
BCP51_52_53 v.5
20030206
Product specification
-
BCP51_52_53 v.4
BCX51_52_53 v.4
20011010
Product specification
-
BCX51_52_53 v.3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn