Electronic Components Datasheet Search |
|
BA78M09FP-E2 Datasheet(PDF) 3 Page - Rohm |
|
BA78M09FP-E2 Datasheet(HTML) 3 Page - Rohm |
3 / 15 page BA78□□Series,BA78M□□Series Technical Note 3/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. ●Electrical Characteristics BA78M□□CP/FP (Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24), Io=350mA unless otherwise specified) Parameter Symbol Type Limit Unit Condition Min Typ Max Output Voltage 1 Vo1 05 4.8 5.0 5.2 V Io=350mA 06 5.75 6.0 6.25 07 6.7 7.0 7.3 08 7.7 8.0 8.3 09 8.6 9.0 9.4 10 9.6 10.0 10.4 12 11.5 12.0 12.5 15 14.4 15.0 15.6 18 17.3 18.0 18.7 20 19.2 20.0 20.8 24 23.0 24.0 25.0 Output Voltage 2 Vo2 05 4.75 - 5.25 V Vin=7.5~20V, Io=5mA~350mA 06 5.7 - 6.3 Vin=8.5~21V, Io=5mA~350mA 07 6.65 - 7.35 Vin=9.5~22V, Io=5mA~350mA 08 7.6 - 8.4 Vin=10.5~23V, Io=5mA~350mA 09 8.55 - 9.45 Vin=11.5~24V, Io=5mA~350mA 10 9.5 - 10.5 Vin=12.5~25V, Io=5mA~350mA 12 11.4 - 12.6 Vin=15~27V, Io=5mA~350mA 15 14.25 - 15.75 Vin=17.5~30V, Io=5mA~350mA 18 17.1 - 18.9 Vin=21~33V, Io=5mA~350mA 20 19.0 - 21.0 Vin=23~33V, Io=5mA~350mA 24 22.8 - 25.2 Vin=27~33V, Io=5mA~350mA Line Regulation 1 Reg.I1 05 - 3 100 mV Vin=7~25V, Io=200mA 06 - 3 100 Vin=8~25V, Io=200mA 07 - 4 100 Vin=9~25V, Io=200mA 08 - 4 100 Vin=10.5~25V, Io=200mA 09 - 4 100 Vin=11.5~26V, Io=200mA 10 - 5 100 Vin=12.5~28V, Io=200mA 12 - 5 100 Vin=14.5~30V, Io=200mA 15 - 6 100 Vin=17.5~30V, Io=200mA 18 - 7 100 Vin=21~33V, Io=200mA 20 - 8 100 Vin=23~33V, Io=200mA 24 - 10 100 Vin=27~33V, Io=200mA Line Regulation 2 Reg.I2 05 - 1 50 mV Vin=8~12V, Io=200mA 06 - 1 50 Vin=9~25V, Io=200mA 07 - 1 50 Vin=10~25V, Io=200mA 08 - 1 50 Vin=11~25V, Io=200mA 09 - 2 50 Vin=12~25V, Io=200mA 10 - 2 50 Vin=14~26V, Io=200mA 12 - 3 50 Vin=16~30V, Io=200mA 15 - 3 50 Vin=20~30V, Io=200mA 18 - 3 50 Vin=24~33V, Io=200mA 20 - 4 50 Vin=24~33V, Io=200mA 24 - 5 50 Vin=28~33V, Io=200mA Ripple Rejection R.R. 05 62 78 - dB ein=1Vrms, f=120Hz, Io=100mA 06 60 74 - 07 57 71 - 08 56 69 - 09 56 67 - 10 56 66 - 12 55 63 - 15 54 60 - 18 53 58 - 20 53 58 - 24 50 55 - Temperature Coefficient of Output Voltage Tcvo 05 - -1.0 - mV/℃ Io=5mA, Tj=0~125℃ 06/07/08/09/10/12 - -0.5 - 15/18 - -0.6 - 20/24 - -0.7 - Peak Output Current Io-p common - 875 - mA Tj=25℃ Dropout Voltage Vd common - 2.0 - V Io=500mA |
Similar Part No. - BA78M09FP-E2 |
|
Similar Description - BA78M09FP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |