Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC547A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. BC547A
Description  Switching and Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC547A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BC547A Datasheet HTML 1Page - Fairchild Semiconductor BC547A Datasheet HTML 2Page - Fairchild Semiconductor BC547A Datasheet HTML 3Page - Fairchild Semiconductor BC547A Datasheet HTML 4Page - Fairchild Semiconductor BC547A Datasheet HTML 5Page - Fairchild Semiconductor BC547A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC Current Gain
Figure 4. Base-Emitter Saturation Voltage and
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
I
B = 50μA
I
B = 100μA
I
B = 150μA
I
B = 200μA
I
B = 250μA
I
B = 300μA
I
B = 350μA
I
B = 400μA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn